Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33689D Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33689D Datasheet HTML 5Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 6Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 7Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 8Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 9Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 10Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 11Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 12Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33689
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MISO SPI OUTPUT PIN
Low-Level Output Voltage
IOUT = 1.5 mA
VOL
0.0
—
1.0
V
High-Level Output Voltage
IOUT = 250 µA
VOH
VDD - 0.9
—
VDD
V
Tri-Stated MISO Output Leakage Current
0.0 V < VMISO < VDD
IHZ
-2.0
—
2.0
µA
MOSI, SCLK, CS SPI INPUT PINS
Low-Level Input Voltage
VIL
-0.3
—
0.3 VDD
V
High-Level Input Voltage
VIH
0.7 VDD
—
VDD +0.3
V
Pullup Input Current on CS
VCS = 4.0 V
IPUCS
-100
—
-20
µA
MOSI, SCLK Input Current
0.0 V < VIN < VDD
IIN
-10
—
10
µA
INT
OUTPUT PIN
Low-Level Output Voltage
IO = 1.5 mA
VOL
0.0
—
0.9
V
High-Level Output Voltage
IO = -250 µA
VOH
VDD - 0.9
—
VDD
V
WDC
PIN
External Resistor Range
REXT
10
—
100
k
Ω
HS1 AND HS2 HIGH-SIDE OUTPUT PINS
Output Clamp Voltage
IOUT = -100 mA
VCL
-6.0
—
—
V
Output Drain-to-Source ON Resistance
TA = 25°C, IOUT -150 mA
TA = 125°C, IOUT -150 mA
TA = 125°C, IOUT -120 mA
RDS(ON)
—
—
—
2.0
—
3.0
2.5
4.5
4.0
Ω
Output Current Limitation
ILIM
300
430
600
mA
Overtemperature Shutdown (12)
TOTSD
155
—
190
°C
Output Leakage Current
ILEAK
—
—
10
µA
Notes
12.
When overtemperature occurs, switch is turned off and latched off. Flag is set in SPI Register. Refer to description on page 26.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com