Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2001ALM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2001ALM
Description  boxes and ancillary products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2001ALM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2001ALM Datasheet HTML 1Page - List of Unclassifed Manufacturers 2001ALM Datasheet HTML 2Page - List of Unclassifed Manufacturers 2001ALM Datasheet HTML 3Page - List of Unclassifed Manufacturers 2001ALM Datasheet HTML 4Page - List of Unclassifed Manufacturers 2001ALM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
wiring devices
| boxes and ancillary products
www.mkelectric.co.uk
198
Boxes
40mm
SPARE BOxES
Fitted with 2 earth terminals
DimenSionS:
178 x 114 x 65mm
KnoCKoutS:
5 x 25mm.
two in each of the top and
bottom, one in the back.
BS 5733: 2010
5268ALM
FoR 32 amP
tP & n SwitCHeS
5114wHi
65mm
FLUSH
Fitted with two earth
terminals.
DimenSionS:
152 x 140 x 55mm
KnoCKoutS: 5 x 25mm.
two in each of the top &
bottom, one in the back.
BS 4177: 1992
5120ALM
FoR FluSH
CooKeR ContRol unit
K5011wHi
55mm
FLUSH
DimenSionS:
86 x 146mm
FixinG CentReS:
120.6mm
BS 5733: 2010
K5400WHI
2 GanG
4 x 20mm KnoCKoutS
4x 25mm KnoCKoutS
48mm
SURFACE
2003ALM
1 GanG
5 x 20mm KnoCKoutS
2004ALM
2 GanG
7 x 20mm KnoCKoutS
all boxes are fitted with an
earth terminal.
DimenSionS:
1 gang: 86 x 86mm
2 gang: 86 x 146mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
2001ALM
1 GanG
witHout KnoCKoutS
2002ALM
2 GanG
witHout KnoCKoutS
41mm
SURFACE
Fitted with two earth terminals.
two adjustable lugs.
DimenSionS: 279.6 x 159.5mm
FixinG CentReS: 268.2mm / 87.3mm
KnoCKoutS:
35mm 18 x 20mm, 6 x 25mm
47mm 12 x 20mm, 12 x 25mm
BS 5733: 2010
K14101
35mm FoR eDGe StaCKeD
ComBination Plate K14100
K14102
47mm FoR eDGe StaCKeD
ComBination Plate K14100
35mm
47mm
FLUSH
MOUNTING BOx ACCESSORIES see page 201
Spares or replacements
for the surface metalclad Plus
range. all boxes are fitted with
an earth terminal.
BS 5733: 2010
K829ALM
1 GanG
witHout KnoCKoutS
K830ALM
2 GanG
witHout KnoCKoutS
K899ALM
1 GanG
5 x 20mm KnoCKoutS
K897ALM
2 GanG
8 x 20mm KnoCKoutS
35mm
47mm
FLUSH
Fitted with two earth terminals.
two adjustable lugs.
DimenSionS: 430 x 75mm
FixinG CentReS: 417.4mm
KnoCKoutS:
35mm middle Box: 6 x 20mm, 2 x 25mm
35mm end Boxes: 15 x 20mm, 5 x 25mm
47mm middle Box: 4 x 20mm, 4 x 25mm
47mm end Boxes: 10 x 20mm, 10 x 25mm
BS 5733: 2010
K14201
35mm FoR eDGe in-line
ComBination Plate K14200
K14202
47mm FoR eDGe in-line
ComBination Plate K14200
Fitted with two earth terminals.
two adjustable lugs.
DimenSionS: 392 x 75mm
FixinG CentReS: 382.5mm
KnoCKoutS:
35mm left 2G Box: 7 x 20mm, 3 x 25mm
35mm middle Boxes: 4 x 20mm
35mm Right Box: 6 x 20mm
47mm left 2G Box: 4 x 20mm, 6 x 25mm
47mm middle Boxes: 2 x 20mm, 1 x 25mm
47mm Right Box: 4 x 20mm, 1 x 25mm
BS 5733: 2010
K14206
35mm FoR eDGe in-line
ComBination Plate K14205
K14207
47mm FoR eDGe in-line
ComBination Plate K14205
K14201 / K14202
K14206 / K14207
853ZIC
35mm FoR loGiC PluS™
4 GanG ComBination Plate
K2740wHi
854ZIC
47mm FoR loGiC PluS™
4 GanG ComBination Plate
K2740wHi
857ZIC
35mm FoR loGiC PluS™
2 GanG ComBination Plate
K2741wHi
858ZIC
47mm FoR loGiC PluS™
2 GanG ComBination Plate
K2741wHi
853ZIC
BS 5733: 2010
Steel Boxes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com