Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33395TEW Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC33395TEW
Description  Three-Phase Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33395TEW Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33395TEW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33395TEW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33395
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions -40
°C ≤ T
A ≤ 125°C, 5.5 V ≤ VIGNP ≤ 24 V unless otherwise noted. Typical values reflect
approximate parameter mean at TA = 25°C under normal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
VIGN Current @ 5.5 V–24 V, VDD = 5.5 V
IIGN
–
0.2
1.0
mA
VIGNP Current @ 5.5 V–24 V, VDD = 5.5 V
IIGNP
–
–
100
mA
VIGNP Overvoltage Shutdown
V
IGNPSD
25
33
36.5
V
VIGNP Voltage
VIGNP
5.5
–
24
V
VDD Current @ 5.5 VDC, 5.5 V ≤ VIGNP ≤ 24 V
I
VDD
–
1.8
4.0
mA
VDD Low-Voltage Reset Level
VDD(RESET)
2.5
3.2
4.0
V
VDD One-Time Fuse (Logic Supply)
–
7.0
–
–
V
INPUT/OUTPUT
Input Current at VDD = 5.5 V
LSEn, HSEn, PWM, and MODEn = 3.0 V
IIN
5.0
12
25
µA
Input Threshold at VDD = 5.5 V
LSEn, HSEn, PWM, and MODEn (4)
VTH
1.0
2.0
3.0
V
VSCRn Source Sense Voltage
SRC1, SRC2, SRC3
VSCRn
-0.3
VIGNP
24
V
Comparator Input Offset Voltage
VINP(OFFSET)
5.0
14
20
mV
Comparator Input Bias Current
VINP(BIAS)
-500
-170
500
nA
Comparator Input Offset Current
IINP(OFFSET)
-300
-3.0
300
nA
Common Mode Voltage (5)
VCMR
0
–
VDD-2.0
VDC
Comparator Differential Input Voltage (5)
VINPdiff
-VDD
–
+VDD
V
Charge Pump Voltage VIGN
(6)
VIGNP = 5.5 V, ICRES = 1.0 mA
VIGNP = 9.0 V, ICRES = 1.0 mA
VIGNP = 12 V, ICRES = 5.0 mA
VIGNP = 24 V, ICRES = 1.0 mA
VIGNP = 24 V, ICRES = 5.0 mA
VCRES-VIGNP
4.0
4.0
4.5
8.0
4.5
6.0
7.5
10
16
12
18
18
18
18
18
V
VGDH Output Voltage with GDHn in ON State
VIGNP = 5.5 V, IGDHn = 1.0 mA
VIGNP = 12 V, IGDHn = 5.0 mA
VIGNP = 24 V, IGDHn = 5.0 mA
VGDHn(on)-VSRCn
4.0
4.0
4.5
5.2
9.0
11
18
18
18
V
VGDH Output Voltage with GDHn in OFF State
VIGNP = SRCn = 14 V, IGDHn = 1.0 mA
VGDHn(off)
-1.0
0.6
1.0
V
Notes
4.
Logic inputs LSEn, HSEn, PWM, and MODEn have internal 20
µA internal sinks.
5.
Guaranteed by design and characterization. Not production tested.
6.
The Charge Pump has a positive temperature coefficient. Therefore the Min’s occur at -40°C, Typ’s at 25°C, and Max’s at 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com