Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1114 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 1114
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1114 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 1114 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1114 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
adjustable models are
distinguished by red, blue
and black for easy identification.
Plus, a patented, spring-loaded
locking collar locks the scale at the
desired torque setting. This prevents the
operator from accidentally using the wrench in
the unlocked position, which may lead to incorrect-
ly tightened fasteners.
All models feature an easy-release bit holder,
which securely retains bits during operation, while
permitting easy removal.
Torque Limiting
Screwdrivers
Utica offers a complete line of torque
limiting screwdrivers covering a
range of 2-640 in.-oz. All Utica
screwdrivers feature aluminum
housings to reduce weight and
maximize durability. Six standard
models are available for light duty torque
applications including general electronic and
computer assembly. Two miniature models offer
reliable fastening of the very smallest of applications
such as cellular phone assembly.
Utica torque screwdrivers feature a unique roller
bearing cam, which produces smooth, accurate,
and consistent performance when tightening
fasteners. When the maximum torque setting is
achieved, the cam mechanism automatically
slips to prevent over-tightening.
In addition to being highly durable, several features
have been engineered into Utica screwdrivers to
increase ease of use. Each of the three standard
6
Utica® Torque Limiting Screwdrivers
Introduction
Easy-Release Bit
Holder For Fast
Bit Changes
Spring-Loaded
Locking Collar
(adjustable models)
Adjusting Collar
(adjustable models)
Precision
Micrometer
Scale
(adjustable models)
0
.25
.5
1
2
3
4
5
Torque
Range
(Nm)
Screwdrivers
Standard
Adjustable
Standard
Preset
Miniature
Adjustable
Miniature
Preset
Color Coded
Casing For Easy
Reference
(standard adjustable
models)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com