Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLAS/CASE Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # PLAS/CASE
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLAS/CASE Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button PLAS/CASE Datasheet HTML 11Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 12Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 13Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 14Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 15Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 16Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 17Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 18Page - List of Unclassifed Manufacturers PLAS/CASE Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
13
Ratchet Head Wrenches
Ratchets are mainly used in maintenance
and assembly applications and provide
fastening in both clockwise and counter-
clockwise directions. A quick shift lever
allows for easy single-hand shifting.
Flex Head Ratchet Wrenches
Flex head ratchets are designed to reach
difficult locations with a pivot movement of
15° up or down. Like standard ratchets, flex
head ratchets can be used in clockwise or
counter-clockwise directions.
Plain Head Wrenches
Plain head wrenches have a fixed head,
meaning to rotate a fastener 360° the
entire wrench must be rotated 360°.
Plain head wrenches are used when a
fastener has already been rundown and
final torque can be reached within a few
degrees of rotation.
Interchangeable Head Wrenches
Interchangeable head wrenches accept a
variety of heads, allowing for greater versatility.
Bi-directional versatility is obtained by simply
removing the head, turning the wrench over
and replacing the head.
Dual Scales
Front– in.-lbs.
Back– Newton Meters
Major Adjustment
Fine Adjustment
Specially Tempered Spring
For Accuracy And
Repeatability
Patented Spring-Loaded
Scale Locking Collar
Comfort grip reduces fatique
and increases productivity
Actuator Precision
Machined From
Hardened Steel
Wrenches are protected
in a free fitted plastic case.
(250 ft.lbs. and below)
Patented Torque
Control Mechanism



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com