Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB72 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # LB72
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB72 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button LB72 Datasheet HTML 16Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 17Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 18Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 19Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 20Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 21Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 22Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 23Page - List of Unclassifed Manufacturers LB72 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
18
Utica® “Click” Type Torque Sensing Wrenches
Interchangeable Head “B” Size Series
s Designed for higher torque applications than “A” size series.
s Accept a variety of head configurations to suit many fastener
requirements.
s Common center principal allows simple exchange or replacement
of heads without need for recalibration.
s Choice of micrometer adjustable or single setting (preset) models
with same “click” action and features as “A” series wrenches.
s Accuracy is ±4% of setting right hand and ±6% of setting left
hand within upper 80% of scale.
CHB-110
CH-75F
*See page 1 for description of model change.
If calibration certification is required, request at time of purchase.
NOTE:Single setting wrenches do not have a scale and must be set on torque tester.
When ordering these preset tools, specify desired torque setting.
Micrometer Adjustable Wrench – “B” Size
Range
Graduations
Length
Weight
Model No.
ft.-lb.
Nm
ft.-lb.
Nm
in.
mm
lb.
kg
CH-75F
15–75
23.7–105.1
0.5
0.7
14
355.6
2.0
0.9
CH-150F 30–150 47.4–210.1
1.0
1.4
17.125 435.0
2.5
1.1
Single Setting (Preset) Wrench – “B” Size*
Range
Length
Weight
Model No.
Nm
in.-lb.
ft.-lb.
m-kg
in.
mm
lb.
kg
CHB-55
5–55
50–500
4–40
.5–5.5
8.25
209.6 1.0
0.4
CHB-85
8–85
75–750
6–60
1.0–8
10.5
266.7 1.3
0.6
CHB-110
11–110 100–1000
8–80
1.0–11
12.5
317.5 1.5
0.7
CHB-170
17–170 150–1500 12–125 2.0–17 14.25 362.0 1.7
0.8
CHB-225
22–225 200–2000 16–166 3.0–23 16.25 412.8 1.9
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com