Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX2000F Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TMX2000F
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMX2000F Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TMX2000F Datasheet HTML 14Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 15Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 16Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 17Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 18Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 19Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 20Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 21Page - List of Unclassifed Manufacturers TMX2000F Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
16
Head changes are quick and easy without the need for recalibration.
The 28522 head adapter allows
you to weld on custom heads to
meet specific applications.
Utica® “Click” Type Torque Sensing Wrenches
Interchangeable Head “A” Size Series
s Drive Sizes: 1/4” through 3/4”
s Accept variety of heads to suit specific application requirements.
s Common center principal allows simple exchange or
replacement of heads without need for recalibration.
s Choice of micrometer adjustable or single setting (preset) models.
s Accuracy is ±4% of setting right hand and ±6% of setting left
hand within upper 80% of scale.
CHA-23
CH-150
*See page 1 for description of model change.
If calibration certification is required, request at time of purchase.
NOTE:Single setting wrenches do not have a scale and must be set on torque tester.
When ordering these preset tools, specify desired torque setting.
Micrometer Adjustable Wrench – “A” Size
Range
Graduations
Length
Weight
Model No.
in.-lb.
Nm
in.-lb.
Nm
in.
mm
lb.
kg
CH-150
30–150
3.4–17
1.0
.113
9
228.6
1.0
0.5
If calibration certification is required, request at time of purchase.
Single Setting (Preset) Wrench – “A” Size*
Range
Length
Weight
Model No.
Nm
in.-lb.
ft.-lb.
cm-kg
in.
mm
lb.
kg
CHA-11
1.1–11 10–100
.8–811–115
5.75 146.1
0.3
0.1
CHA-23
2.3–23 20–200 1.7–17 23–230
7.75 196.9
0.4
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com