Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2425U Datasheet(PDF) 7 Page - SiGe Semiconductor, Inc.

Part # SE2425U
Description  RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2425U Datasheet(HTML) 7 Page - SiGe Semiconductor, Inc.

Back Button SE2425U Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SE2425U
RangeCharger
TM 2.4 GHz Bluetooth Power Amplifier IC
Preliminary Information
165-DST-01 Rev 1.3 Apr-05-2006
Confidential
7 of 10
QA040506
Harmonic Performance
Test Conditions: VEN = VCC0 = VCC1 = VCC2 = VCC3 = 3.3 V, TC = 25
°C, f = 2.45 GHz, as measured on SiGe’s
SE2425U-EV1 evaluation board otherwise noted
2nd Harmonics vs. Output Power over Mode
(25 C, 3.3 V, 2.45 Ghz)
-65
-60
-55
-50
-45
-40
-35
-30
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
Low Mode
High Mode
3rd Harmonics vs. Output Power over Mode
(25 C, 3.3 V, 2.45 GHz)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
15
16
17
18
19
20
21
22
23
24
25
Output Pow er (dBm )
Low Mode
High Mode
Figure 9: Typical Harmonic Performance Data in Low and High Mode (a) 2
nd Harmonic Performance in Low
and High Mode (b) 3
rd Harmonic Performance in Low and High Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com