Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2425U-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2425U-R
Description  RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2425U-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2425U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2425U-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SE2425U
RangeCharger
TM 2.4 GHz Bluetooth Power Amplifier IC
Preliminary Information
165-DST-01 Rev 1.3 Apr-05-2006
Confidential
2 of 10
QA040506
Pin-Out Diagram
4
1
2
3
12
11
10
9
SE2425U
Top View
VCC0
N/C
EN
RFIN
N/C
CAP
N/C
N/C
GND Pad
Figure 2: SE2425U Pin-Out
Pin Out Description
Pin No.
Name
Description
1
RFIN
Power amplifier RF input, DC blocking is required
2
VCCO
Bias Power Supply
3
N/C
Do Not Connect
4
EN
PA Enable
5
MODE
Mode switch
6
N/C
Do Not Connect
7
RFOUT
RF output
Note: Requires external DC blocking and optional shunt capacitor (typically 0p75 0402)
8
N/C
Do Not Connect
9
N/C
Do Not Connect
10
CAP
Matching capacitor (typically 1p3 0402)
11
N/C
Do Not Connect
12
N/C
Do Not Connect
13
N/C
Do Not Connect
14
VCC3
Stage 3 collector supply voltage
15
VCC2
Stage 2 collector supply voltage
16
VCC1
Stage 1 collector supply voltage
GND Pad
GND
Heat slug Ground Pad



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com