Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT34676BUG Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # KT34676BUG
Description  Using the High Input Voltage Charger for Single Cell Li-Ion Batteries
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KT34676BUG Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  KT34676BUG Datasheet HTML 1Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 2Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 3Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 4Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 5Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 6Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 7Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 8Page - Freescale Semiconductor, Inc KT34676BUG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Using the Dual 28V Input Voltage Charger with Linear Regulator, Rev. 1.0
Freescale Semiconductor
3
Evaluation Board Specification
4
Evaluation Board Specification
The evaluation board is designed to work as a standalone charger, or as an embedded charger in a handheld system.
Figure 3 shows its schematic circuit. The normal operation range of the evaluation board is:
For AC charger:
VAC_MIN = 4.3V, VAC_MAX = 6.8V
IAC_MAX = 1200mA
For USB charger:
VUSB_MIN = 4.3V, VUSB_MAX = 5.85V
IUSB_MAX = 400mA
Figure 3. The Schematic Circuit of the Evaluation Board
J10
HDR_1 X2
1
2
J1 1
HDR_ 1X2
1
2
R9
13. 3K
R8
13 .0 K
BAT
BAT
R11
20 0K
C5
1. 0U F
R10
28. 7K
J12
H D R _1X2
1
2
R3
6. 49
R2
13.0K
R1
26. 1K
TP26
IU SB
U1
MC 34 676 B
AC
1
USB
2
PP R
3
CHG
4
USB EN
5
IMIN
6
IU SB
7
GN D
8
ISET
9
USBOUT
10
BAT
11
BA TD ET
12
TP28
IMI N
C2
NC
TP1
AC
1
TP1 0
VLo gic
1
TP1 3
USBE N
1
R5
47 0 OH M
R4
47 0 OH M
TP3
USB
1
J5
H D R _1X3
1
2
3
J4
HDR_1X3
R7
1 00K
R6
1 00K
D2
GR EEN
D1
RED
TP2 5
GN D
J1 3
HDR_1 X2
1
2
TP 17
USB
TP22
/ CHG
TP 15
AC
TP 16
BA TD ET
TP 18
VB AT
TP 19
USB OUT
TP2 4
GN D
TP2 3
GN D
TP20
ISET
TP2 7
USBE N
TP2 1
/P PR
TP1 1
/C H G
1
TP7
/P PR
1
J2
HDR _1X2
J1
HDR_ 1X2
J3
HDR_ 1X2
J
H
1
2
J6
HDR_ 1X2
1
2
J9
HDR_1 X2
1
2
J8
H D R _1X2
1
2
C4
1. 0U F
C3
1. 0U F
C1
1. 0U F
BAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com