Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRBS-40SC-8C/EX Datasheet(PDF) 1 Page - Turck, Inc.

Part # JRBS-40SC-8C/EX
Description  FOUNDATION fieldbus and PROFIBUS-PA IP20 junction box, 8-channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

JRBS-40SC-8C/EX Datasheet(HTML) 1 Page - Turck, Inc.

  JRBS-40SC-8C/EX Datasheet HTML 1Page - Turck, Inc. JRBS-40SC-8C/EX Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
FOUNDATION fieldbus and PROFIBUS-PA
IP20 junction box, 8-channel
JRBS-40SC-8C/EX
The 8-channel Ex junction box
JRBS-40SC-8C/EX is designed for fieldbus
systems according to IEC 61158-2, i.e. it is
suited for both FOUNDATION™ fieldbus as
well as PROFIBUS-PA.
The junction box is equipped with an ad-
justable short-circuit current limiter. As maxi-
mum current limit, the following values can be
selected together for all channels via a rotary
coding switch: 30, 35, 45 and 60 mA.
The housing is made of powder-coated alu-
minium and is IP20 rated.
The junction box is equipped with an acti-
vatable terminating resistor for the bus. The
switch is integrated in the housing on the
board.
Shielding and housing can be conected direct-
ly via a second switch which is also located on
the board.
Note: It must be ensured that there is suffi-
cient equipotential bonding in the system. The
device is connected to the equipotential bond-
ing via the housing's M5 x 1 grounding bold.
Accessories: To increase the degree of pro-
tection, there are various aluminium and stain-
less steel housings with IP6x rating and vari-
ous cable glands available on request.
■ Junction box for DIN rail mounting
■ Short-circuit protection per drop line/spur
■ Switch-in terminating resistor
■ Cable shielding: Capacitive or direct con-
nection with housing potential selectable
via switch
■ aluminium housing
■ Entity and FISCO compliant according to
IEC 60079-11


Similar Part No. - JRBS-40SC-8C/EX

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
JRBS-40SC-8R/EX TURCK-JRBS-40SC-8R/EX Datasheet
427Kb / 3P
FOUNDATION fieldbus and PROFIBUS-PA IP20 junction box, 8-channel
2023-07-21
More results

Similar Description - JRBS-40SC-8C/EX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300410016 MOLEX-1300410016 Datasheet
494Kb / 3P
Brad짰 Foundation Fieldbus Cordsets and Receptacles
logo
Texas Instruments
DAC8740H TI1-DAC8740H Datasheet
239Kb / 8P
HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_17 Datasheet
259Kb / 11P
HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_18 Datasheet
1Mb / 53P
DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
logo
PHOENIX CONTACT
2316417 PHOENIX-2316417 Datasheet
81Kb / 3P
Connect up to 12 Foundation Fieldbus or PROFIBUS PA field devices
2316420 PHOENIX-2316420 Datasheet
79Kb / 3P
Connect up to six Foundation Fieldbus or PROFIBUS PA field devices
2316050 PHOENIX-2316050 Datasheet
57Kb / 3P
Trunk module for Foundation Fieldbus and PROFIBUS PA modular device couplers with terminator
2316052 PHOENIX-2316052 Datasheet
63Kb / 4P
Device coupler for Foundation Fieldbus and PROFIBUS PA with terminal connections for two spurs connected to fieldbus end devices
logo
Belden Inc.
S1331NH BELDEN-S1331NH Datasheet
104Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
S1333NH BELDEN-S1333NH Datasheet
103Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com