Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO6741 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6741 Datasheet(HTML) 2 Page - Texas Instruments

  ISO6741 Datasheet HTML 1Page - Texas Instruments ISO6741 Datasheet HTML 2Page - Texas Instruments ISO6741 Datasheet HTML 3Page - Texas Instruments ISO6741 Datasheet HTML 4Page - Texas Instruments ISO6741 Datasheet HTML 5Page - Texas Instruments ISO6741 Datasheet HTML 6Page - Texas Instruments ISO6741 Datasheet HTML 7Page - Texas Instruments ISO6741 Datasheet HTML 8Page - Texas Instruments ISO6741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
PACKAGE SIZE(2)
ISO6740-Q1, ISO6740F-
Q1
ISO6741-Q1, ISO6741F-
Q1
ISO6742-Q1, ISO6742F-
Q1
DW (SOIC, 16)
10.30mm × 7.50mm
10.30mm × 10.30mm
ISO6742-Q1, ISO6742F-
Q1
DWW (Extra wide SOIC,
16)(3)
10.30mm × 14.0mm
10.30mm × 17.25mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
(3)
Product preview.
OUTx
GNDO
GNDI
VCCO
VCCI
Series Isolation
Capacitors
Copyright © 2016, Texas Instruments Incorporated
INx
ENx
VCCI=Input supply, VCCO=Output supply
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4F – DECEMBER 2019 – REVISED JUNE 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO6740-Q1 ISO6741-Q1 ISO6742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com