Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

761 Datasheet(PDF) 27 Page - Greenlee Communications

Part # 761
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

761 Datasheet(HTML) 27 Page - Greenlee Communications

Back Button 761 Datasheet HTML 23Page - Greenlee Communications 761 Datasheet HTML 24Page - Greenlee Communications 761 Datasheet HTML 25Page - Greenlee Communications 761 Datasheet HTML 26Page - Greenlee Communications 761 Datasheet HTML 27Page - Greenlee Communications 761 Datasheet HTML 28Page - Greenlee Communications 761 Datasheet HTML 29Page - Greenlee Communications 761 Datasheet HTML 30Page - Greenlee Communications 761 Datasheet HTML 31Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
167
RK06FT
RK06AT
Indentor Crimping Tool
• Crimps lugs and splices on color-coded copper connectors or battery
connectors. Not for use on aluminum cable.
• Simple screw adjustment for connector size.
• Forged handle for durability.
SPECIFICATIONS
Capacity
8 AWG - 250 kcmil (MCM) color-coded copper connectors or battery
connectors
Length
22-3/8" (568 mm)
Weight
6.8 lbs. (3.1 kg)
SPECIFICATIONS
Capacities
See crimping tool capacity chart on page 157
Crimping Force
6.2 tons (55 kN)
Length
RK60AT – 10 in. (254 mm), RK60FT – 10-1/2 in. (267 mm)
Weight
6.2 lbs. (2.8 kg)
CAT. NO.
UPC NO.
DESCRIPTION
1980
35019
Indentor Crimping Tool
Dieless Crimping Tool to 500 kcmil (MCM)
• Dieless crimping head, no dies to lose or replace.
• Patented pressure system automatically changes crimping force for each
connector size and type. Eliminates errors.
• Seven indent profile requires fewer crimps per connector.
• Automatic two speed pump for rapid advance. Minimizes crimping time
and number of strokes.
• 8-1/2 ton (75.6 kN) maximum crimping force.
• Swivel head rotates 180° for maximum flexibility.
• Includes Pressure Test Kit and steel carrying case
• Not for use with “C” and “H” taps.
SPECIFICATIONS
Copper – 4 AWG - 500 kcmil (MCM)
Aluminum – 6 AWG - 500 kcmil (MCM) (see chart on page 157)
Length 22-1/2" (572 mm);
Weight 14.75 lbs. (6.7 kg)
CAT. NO.
UPC NO.
DESCRIPTION
1989
35955
Dieless Crimping Tool to 500 kcmil (MCM)
36202
36202
Replacement Pressure Test Kit includes
30 Test Slugs and Gauge
*FT tools are UL and cUL classified with #4AWG – 750 kcmil (MCM) copper color-coded connectors and #6AWG –
750 kcmil (MCM) aluminum color-coded connectors of the following brands: Anderson, Blackburn, FCI Burndy, Ilsco,
Panduit, Penn-Union, and Thomas & Betts.
AT tools are UL and cUL classified with #4 – 500 kcmil (MCM) copper color-coded connectors ...of the following
brands: Anderson, Blackburn, FCI Burndy, ILSCO, Panduit, Penn-Union, & Thomas & Betts.
Quad-Point Dieless Remote Powered Crimping Heads*
• Utilize four indentors to make the crimp.
• Operates from 10,000 psi (700 bar) hydraulic pumping sources.
• Small and lightweight for difficult to reach locations.
• Equipped with 3/8 in. male screw-type couplers.
• Flip-top style uses a pull pin to open head for easy removal from the
connector.
• Includes steel carrying case, test gauge and test slugs.
• See page 301 for hose and pump selection.
CAT. NO.
UPC NO.
DESCRIPTION
RK06AT
06066
Remote Powered Quad-Point Crimping Tool, Open Head
Dieless
RK06FT
06197
Remote Powered Quad-Point Crimping Tool, Flip-Top Head
Dieless
greenlee.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com