Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ2.4B Datasheet(PDF) 3 Page - Won-Top Electronics

Part # GLZ2.4B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GLZ2.4B Datasheet(HTML) 3 Page - Won-Top Electronics

  GLZ2.4B Datasheet HTML 1Page - Won-Top Electronics GLZ2.4B Datasheet HTML 2Page - Won-Top Electronics GLZ2.4B Datasheet HTML 3Page - Won-Top Electronics GLZ2.4B Datasheet HTML 4Page - Won-Top Electronics GLZ2.4B Datasheet HTML 5Page - Won-Top Electronics GLZ2.4B Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
3
Electrical Characteristics (@TA=25°C unless otherwise specified) Table 1
Zener Voltage Range
(Note 1)
Maximum Zener Impedance
(Note 2)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Type
Number
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
(Ω)
(mA)
(Ω)
(mA)
(µA)
(V)
GLZ2.0A
GLZ2.0B
GLZ2.2A
GLZ2.2B
2A0
2B0
2A2
2B2
2.0
2.0
2.2
2.2
1.88
2.02
2.12
2.22
2.10
2.20
2.30
2.41
140
140
120
120
20
20
20
20
2000
2000
2000
2000
1.0
1.0
1.0
1.0
120
120
120
120
0.5
0.5
0.7
0.7
GLZ2.4A
GLZ2.4B
GLZ2.7A
GLZ2.7B
2A4
2B4
2A7
2B7
2.4
2.4
2.7
2.7
2.33
2.43
2.54
2.69
2.52
2.63
2.75
2.91
100
100
100
100
20
20
20
20
2000
2000
1000
1000
1.0
1.0
1.0
1.0
120
120
120
120
1.0
1.0
1.0
1.0
GLZ3.0A
GLZ3.0B
GLZ3.3A
GLZ3.3B
3A0
3B0
3A3
3B3
3.0
3.0
3.3
3.3
2.85
3.01
3.16
3.32
3.07
3.22
3.38
3.53
80
80
70
70
20
20
20
20
1000
1000
1000
1000
1.0
1.0
1.0
1.0
50
50
20
20
1.0
1.0
1.0
1.0
GLZ3.6A
GLZ3.6B
GLZ3.9A
GLZ3.9B
3A6
3B6
3A9
3B9
3.6
3.6
3.9
3.9
3.46
3.60
3.74
3.89
3.69
3.84
4.01
4.16
60
60
50
50
20
20
20
20
1000
1000
1000
1000
1.0
1.0
1.0
1.0
10
10
5.0
5.0
1.0
1.0
1.0
1.0
GLZ4.3A
GLZ4.3B
GLZ4.3C
4A3
4B3
4C3
4.3
4.3
4.3
4.04
4.17
4.30
4.29
4.43
4.57
40
40
40
20
20
20
1000
1000
1000
1.0
1.0
1.0
5.0
5.0
5.0
1.0
1.0
1.0
GLZ4.7A
GLZ4.7B
GLZ4.7C
4A7
4B7
4C7
4.7
4.7
4.7
4.44
4.55
4.68
4.68
4.80
4.93
25
25
25
20
20
20
900
900
900
1.0
1.0
1.0
5.0
5.0
5.0
1.0
1.0
1.0
GLZ5.1A
GLZ5.1B
GLZ5.1C
5A1
5B1
5C1
5.1
5.1
5.1
4.81
4.94
5.09
5.07
5.20
5.37
20
20
20
20
20
20
800
800
800
1.0
1.0
1.0
5.0
5.0
5.0
1.5
1.5
1.5
GLZ5.6A
GLZ5.6B
GLZ5.6C
5A6
5B6
5C6
5.6
5.6
5.6
5.28
5.45
5.61
5.55
5.73
5.91
13
13
13
20
20
20
500
500
500
1.0
1.0
1.0
5.0
5.0
5.0
2.5
2.5
2.5
GLZ6.2A
GLZ6.2B
GLZ6.2C
6A2
6B2
6C2
6.2
6.2
6.2
5.78
5.96
6.12
6.09
6.27
6.44
10
10
10
20
20
20
300
300
300
1.0
1.0
1.0
5.0
5.0
5.0
3.0
3.0
3.0
GLZ6.8A
GLZ6.8B
GLZ6.8C
6A8
6B8
6C8
6.8
6.8
6.8
6.29
6.49
6.66
6.63
6.83
7.01
8.0
8.0
8.0
20
20
20
150
150
150
0.5
0.5
0.5
2.0
2.0
2.0
3.5
3.5
3.5
GLZ7.5A
GLZ7.5B
GLZ7.5C
7A5
7B5
7C5
7.5
7.5
7.5
6.85
7.07
7.29
7.22
7.45
7.67
8.0
8.0
8.0
20
20
20
120
120
120
0.5
0.5
0.5
0.5
0.5
0.5
4.0
4.0
4.0
GLZ8.2A
GLZ8.2B
GLZ8.2C
8A2
8B2
8C2
8.2
8.2
8.2
7.53
7.78
8.03
7.92
8.19
8.45
8.0
8.0
8.0
20
20
20
120
120
120
0.5
0.5
0.5
0.5
0.5
0.5
5.0
5.0
5.0
GLZ9.1A
GLZ9.1B
GLZ9.1C
9A1
9B1
9C1
9.1
9.1
9.1
8.29
8.57
8.83
8.73
9.01
9.30
8.0
8.0
8.0
20
20
20
120
120
120
0.5
0.5
0.5
0.5
0.5
0.5
6.0
6.0
6.0
GLZ10A
GLZ10B
GLZ10C
GLZ10D
10A
10B
10C
10D
10
10
10
10
9.12
9.41
9.70
9.94
9.59
9.90
10.20
10.44
8.0
8.0
8.0
8.0
20
20
20
20
120
120
120
120
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
7.0
7.0
7.0
7.0
GLZ11A
GLZ11B
GLZ11C
11A
11B
11C
11
11
11
10.18
10.50
10.82
10.71
11.05
11.38
10
10
10
10
10
10
120
120
120
0.5
0.5
0.5
0.2
0.2
0.2
8.0
8.0
8.0
GLZ12A
GLZ12B
GLZ12C
12A
12B
12C
12
12
12
11.13
11.44
11.74
11.71
12.03
12.35
12
12
12
10
10
10
110
110
110
0.5
0.5
0.5
0.2
0.2
0.2
9.0
9.0
9.0
GLZ SERIES
WON-TOP ELECTRONICS
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com