Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMB2
Description  PNP resistor-equipped double transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMB2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMB2 Datasheet HTML 1Page - NXP Semiconductors PUMB2 Datasheet HTML 2Page - NXP Semiconductors PUMB2 Datasheet HTML 3Page - NXP Semiconductors PUMB2 Datasheet HTML 4Page - NXP Semiconductors PUMB2 Datasheet HTML 5Page - NXP Semiconductors PUMB2 Datasheet HTML 6Page - NXP Semiconductors PUMB2 Datasheet HTML 7Page - NXP Semiconductors PUMB2 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
1999 Aug 03
DISCRETE SEMICONDUCTORS
PUMB2
PNP resistor-equipped double
transistor
book, halfpage
MBD128


Similar Part No. - PUMB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB2 PHILIPS-PUMB2 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMB2 NXP-PUMB2 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PUMB2 NXP-PUMB2 Datasheet
628Kb / 14P
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages.
Rev. 3-17 November 2011
logo
Nexperia B.V. All right...
PUMB2 NEXPERIA-PUMB2 Datasheet
627Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 3 - 17 November 2011
PUMB2-Q NEXPERIA-PUMB2-Q Datasheet
236Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
4 January 2023
More results

Similar Description - PUMB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA123JT PHILIPS-PDTA123JT Datasheet
50Kb / 8P
PNP resistor-equipped transistor
1999 May 27
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
PNP resistor-equipped transistor
1999 May 21
PDTA143EE PHILIPS-PDTA143EE Datasheet
66Kb / 8P
PNP resistor-equipped transistor
1998 Jul 23
PDTA143ZT PHILIPS-PDTA143ZT Datasheet
50Kb / 8P
PNP resistor-equipped transistor
1999 May 25
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
PNP resistor-equipped transistor
1998 Jul 23
PUMB11 PHILIPS-PUMB11 Datasheet
60Kb / 8P
PNP resistor-equipped double transistor
2000 Aug 08
PUMB4 PHILIPS-PUMB4 Datasheet
47Kb / 8P
PNP resistor-equipped double transistor
1999 Apr 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com