Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN340P Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN340P
Description  SOT-23 Plastic-Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN340P Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN340P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN340P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN340P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FDN340P
P-Channel 20-V(D-S) MOSFET
V(BR)DSS
RDS(on)MAX
ID
-20 V
70mΩ@ -4.5V
-2A
110mΩ@ -2.5V
210mΩ@ -1.8V
FEATURE
APPLICATION
● TrenchFET Power MOSFET
※
Battery protection
● Supper high density cell design
※
Load switch
※
Battery management
MARKING
Maximum ratings ( Ta=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
Continuous Drain Current
ID
-2
A
Pulsed Diode Curren
IDM
-10
Power Dissipation
PD
1.1
W
Thermal Resistance from Junction to Ambient (t≤10s)
RθJA
250
℃
/W
Operating Junction
TJ
150
℃
Storage Temperature
TSTG
-55~+150
℃
SOT-23 Plastic-Encapsulate MOSFETS
FDN340P
SOT–23
1. GATE
2. SOURCE
3. DRAIN
Equivalent Circuit
Rev:2023A2
1


Similar Part No. - FDN340P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
Single P-Channel, Logic Level, PowerTrench MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
211Kb / 5P
Single P-Channel, Logic Level, PowerTrench짰MOSFET
logo
Guangdong Youtai Semico...
FDN340P UMW-FDN340P Datasheet
406Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ON Semiconductor
FDN340P ONSEMI-FDN340P Datasheet
312Kb / 7P
Single P-Channel, Logic Level, PowerTrench® MOSFET
February 2007 Rev E1
logo
VBsemi Electronics Co.,...
FDN340P-NL VBSEMI-FDN340P-NL Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDN340P

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETs
logo
Microdiode Semiconducto...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com