Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1492015 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 1492015
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1492015 Datasheet(HTML) 2 Page - Festo Corporation.

  1492015 Datasheet HTML 1Page - Festo Corporation. 1492015 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Medium pressure
0 bar ... 22 bar
Medium pressure
0 psi ... 319 psi
Max. viscosity
22 mm²/s
Temperature of medium
-10 °C ... 80 °C
Ambient temperature
-10 °C ... 35 °C
Leak rate to EN 12266-1
A
Flow rate Kv
0.16 m³/h
Standard nominal flow rate
170 l/min
On switching time
20 ms
Switching time off
18 ms
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364 zone III
Housing material
High-alloy stainless steel
Material number of housing
1.4305
Seals material
FPM
Product weight
650 g
CE marking (see declaration of conformity)
As per EU low voltage directive
UKCA marking (see declaration of conformity)
To UK instructions for electrical equipment
Degree of protection
IP65
Corrosion resistance class (CRC)
3 - High corrosion stress
6/23/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com