Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2000 Datasheet(PDF) 1 Page - TM Electronics Inc

Part # MM2000
Description  SURFACE (BAND) PROBE TYPE ‘K’
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

MM2000 Datasheet(HTML) 1 Page - TM Electronics Inc

  MM2000 Datasheet HTML 1Page - TM Electronics Inc MM2000 Datasheet HTML 2Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
KS01
SURFACE (BAND) PROBE TYPE ‘K’
RIBBON SURFACE PROBE - Type ‘K’
Description
This probe uses the straight handle for fine control. The probe is designed for the measurement of
surface temperatures giving a fast response time.
Construction
Ribbon band sensor with thermocouple sensor attached and draught shield : Stainless Steel 316
(Food Grade)
2M curly polyurethane cable with moulded connector.
Sensor Features
Ø
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This results in a solid handle as opposed to a hollow handle. This is particularly important as there is
often damage to the handles caused by excess heat. With a hollow handle it is possible to puncture
the outer plastic and damage the sensor irreparably.
Ø
WATERPROOF HANDLE
Due to the total encapsulation method used, all TME probe handles are completely waterproof.
Ø
TOUGH POLYURETHANE CABLE
·
Polyurethane cables are used in place of the standard polyurethane for the following reasons :-
·
Greater retractability
·
Enhanced memory of it’s curl
·
Non–Toxic
·
Greater mechanical strength for durability
·
12 X 0.2mm wires used internally for greater strength.
·
PTFE inner insulation for strength and retractability.
Ø
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±01.5°C ±0.25%)
Ø
POLYPROPYLENE HANDLES
Polypropylene is an extremely tough and durable material, commonly used for milk crates, it has good
low temperature performance and a relatively high melt temperature. It performs exceptionally well
under chemical attack.
Ø
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
Ø
TIME RESPONSE
(96% of value on clean metal)
: 0.1 Secs
Ø
MEASUREMENT RANGE
: -200 TO 300 °C (higher for non-
continuous measurement)
Cross-reference for compatible instruments
Suitable instruments for use with this probe
TME PART No
DESCRIPTION
APPLICATION
MM2000
SINGLE INPUT INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT
MM2010
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES
MM2020
DIFFERENTIAL INSTRUMENT
DUAL INPUT INSTRUMENT FOR DIFFERENTIAL MEASUREMENTS
MM2030
THERMOCOUPLE SIMULATOR
HIGH ACCURACY SIMULATOR WITH MEASUREMENT FACILITY


Similar Part No. - MM2000

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
MM2000 ETC-MM2000 Datasheet
68Kb / 1P
PLUG MOUNTED NEEDLE PROBE TYPE ‘K’
More results

Similar Description - MM2000

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
K Band Mixer
CHM1193 UMS-CHM1193 Datasheet
87Kb / 6P
K-Band Mixer
logo
Advanced Technical Mate...
180-442-KF ATM-180-442-KF Datasheet
40Kb / 1P
OUTLINE, WRD180 WIDE BAND HORN, TYPE-K
logo
Extech Instruments Corp...
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
TriQuint Semiconductor
TGC4510-SM TRIQUINT-TGC4510-SM_15 Datasheet
1Mb / 28P
K Band Upconverter
TGC4610-SM TRIQUINT-TGC4610-SM_15 Datasheet
914Kb / 26P
K-Band Downconverter
logo
Qorvo, Inc
TGC4610-SM QORVO-TGC4610-SM Datasheet
863Kb / 26P
K-Band Downconverter
TGC4510-SM QORVO-TGC4510-SM Datasheet
1Mb / 25P
K - Band Upconverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com