Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL73T Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2CL73T
Description  High Voltage Fast Recovery Rectifier 12 kV Vol ts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2CL73T Datasheet(HTML) 1 Page - Micro Commercial Components

  2CL73T Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL73T
High Voltage
12kV Volts
2CL73T
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
2CL73T
-----
12000V
8400V
12000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5mA
TA =
25°C
Peak Forward Surge
Current
IFSM
0.5A
50Hz, half sine
Maximum
Instantaneous
Forward
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2.0uA V=12kV,TA= 25
°C
A
B
C
D
D
Cathode
Mark
MCC
www.mccsemi.com
Voltage
IF = 10mA DC;
TA = 25
°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
Revision: 1
2006/01/05
! FOR COLOR TV RECEIVERS / MONITORS
TRIPLER CIRCUIT,DOUBLER CIRCUIT,SINGLE CIRCUIT.
MULTISTAGE SINGULAR FLYBACK TRANSFORMER.
! EXCELLENT HIGH TEMPERATURE OUTPUT CHARACTERISTICS
Fast Recovery Rectifier
•
Operating Temperature(Tj): -40
°C to +100°C
•
Storage Temperature(TSTG): -40
°C to +120°C
VF
48V
Maximum Reverse
Recovery Time
Trr
80ns
IF=2mA, IRM=4mA
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.390
.398
9.9
10.1
B
.0110
.126
2.80
3.20
Φ
C
.0236(Typ)
Φ
D
1.036
---
26.0
---
TM
Micro Commercial Components
0.6
(Typ)
5.0uA V=12kV,TA= 100
°C


Similar Part No. - 2CL73T

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL73 EDI-2CL73 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL73 GETEDZ-2CL73 Datasheet
75Kb / 1P
5mA 12kV HIGH VOLTAGE DIODES
logo
Anshan Suly Electronics
2CL73 ANSHAN-2CL73 Datasheet
347Kb / 2P
High voltage rectifier diodes 2CL73 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
SUNMATE electronic Co.,...
2CL73 SUNMATE-2CL73 Datasheet
190Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
American Microsemicondu...
2CL73 AMMSEMI-2CL73 Datasheet
558Kb / 4P
High Voltage Diodes
More results

Similar Description - 2CL73T

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3126 SSDI-SPD3126 Datasheet
214Kb / 2P
HIGH VOLTAGE 1.0 AMP 2.5 kV MIN Standard/ Fast / UltraFast Recovery Rectifier
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SPA620-01 SSDI-SPA620-01 Datasheet
145Kb / 2P
1 AMP, 22.5 KV HIGH VOLTAGE RECTIFIER BRIDGE ULTRA FAST RECOVERY
logo
Gaomi Xinghe Electronic...
KBP3005 GXELECTRONICS-KBP3005 Datasheet
390Kb / 2P
VOLTAGE RANGE 50 TO 1000 VOL TS
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com