Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34701 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34701_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34701
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
When the Window Watchdog function is selected, the
timer cannot be cleared during the Closed Window time,
which is 50% of the total watchdog period. When the
watchdog is cleared, the timer is reset and starts a new time-
out period. If the watchdog is not cleared during the Open
Window time, the RST will become active (LOW) for a time
determined by the RC components of the RT timer plus
10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com