Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34702 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34702
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 18. Standard Power Up/Down Sequence
in +5.0 V Supply System
STANDARD POWER SEQUENCING
When the power supply IC operates in the Standard Power
Sequencing mode, the switcher output provides the core
voltage for the microprocessor. This situation and operating
conditions are illustrated in Figures 17 and 18. Table 5,
page 17, shows the Power Sequencing mode selection.
INVERTED POWER SEQUENCING
When the power supply IC is operating in the Inverted
Power Sequencing mode, the linear regulator (LDO) output
provides the core voltage for the microprocessor, as
illustrated in Figure 19. Table 5 shows the Power
Sequencing mode selection.
Figure 19. Inverted Power Up/Down Sequence in +5.0 V
Supply System
ASSUMED REQUIREMENTS
1. I/O supply voltage not to exceed core voltage by more
than 2.0 V.
2. Core supply voltage not to exceed I/O voltage by more
than 0.4 V.
Methods of Control
The 34702 has several methods of monitoring and
controlling the regulator output voltages, as described in the
paragraphs below. Power sequencing control is also
achieved through the intrinsic operation of the regulators.
The EN1 and EN2 pins can be used to select the proper
power sequencing mode required by the powered system or
to disable the power sequencing (refer to Table 5).
Intrinsic Operation
For both the LDO and switcher, whenever the output
voltage is below the regulation point, the LDO external Pass
MOSFET is on, or the Buck High-Side MOSFET is on at a
duty cycle controlled by the switcher. Because these devices
are MOSFETs, current can flow in either direction, balancing
the voltages via the common supply pin. The ability to
maintain the MOSFETs on is dependent on the available gate
voltage, and thus the size of the boost regulator storage
capacitor.
∆V = 2.1 V
Max. Lead
∆V = 0.4 V
Max. Lag
∆V = 0.4 V
Max. Lag
1.8V Start-Up
3.3 V I/O Voltage (VLDO)
1.5 V Core Voltage
(VOUT)
5.0 V Input Supply
∆V = 2.1 V
Max. Lead
RT
VBD
VDDH (I/Os)
VDDL (Core)
MCU
34702
5.0 V Input
VIN2
CLKSEL
FREQ
GND
SDA
SCL
ADDR
VIN1
LDRV
LDO
LFB
CS
RST
SW
PGND
INV
VBST
BOOT
VOUT
CLKSYN
Optional
EN1
EN2
VBST
VDDI
3.3 V
1.5 V
5.0 V
∆V = 2.1 V
Max. Lead
∆V = 0.4 V
Max. Lag
∆V = 0.4 V
Max. Lag
1.8V Start-Up
3.3 V I/O Voltage (VOUT)
1.5 V Core Voltage(VLDO)
5.0 V Input Supply
∆V = 2.1 V
Max. Lead
RT
VBD
VDDH (I/Os)
VDDL (Core)
MCU
34702
5.0 V Input
VIN2
CLKSEL
FREQ
GND
SDA
SCL
ADDR
VIN1
LDRV
LDO
LFB
CS
RST
SW
PGND
INV
VBST
BOOT
VOUT
CLKSYN
Optional
EN1
EN2
VBST
VDDI
3.3 V
1.5 V
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com