Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV305 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV305
Description  N-Channel 20 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV305 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV305 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV305 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA,Referenced to 25°C
15
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
0.6
1
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA,Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 0.9 A
VGS = 2.5 V,
ID = 0.7 A
45
60
m
Ω
ID(on)
On–State Drain Current
VGS = 4.5V,
VDS = 5 V
1
A
gFS
Forward Transconductance
VDS = 5V,
ID = 0.9 A
3
S
Dynamic Characteristics
Ciss
Input Capacitance
109
pF
Coss
Output Capacitance
30
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
14
pF
Switching Characteristics
(Note 2)
td(on)
Turn–On Delay Time
4.5
9
ns
tr
Turn–On Rise Time
7
14
ns
td(off)
Turn–Off Delay Time
8
16
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
1.4
2.8
ns
Qg
Total Gate Charge
1.1
1.5
nC
Qgs
Gate–Source Charge
0.26
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 0.9 A,
VGS = 4.5 V
0.26
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
0.29
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 0.29 A
0.75
1.2
V
trr
Diode Reverse Recovery Time
7.4
nS
Qrr
Diode Reverse Recovery Charge
IF = 0.9 A,
diF/dt = 100 A/µs
2.2
nC
Notes:
1.
Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
N-Channel 20 V (D-S) MOSFET
FDV305
Rev:2023A2
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com