Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA3202 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA3202
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3202 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA3202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3202 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sensors
Freescale Semiconductor
3
MMA3202D
Table 2. Operating Characteristics
(Unless otherwise noted: –40°C ≤ TA ≤ +105°C, 4.75 ≤ VDD ≤ 5.25, Acceleration = 0g, Loaded output.)(1)
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 kΩ resistor and a 0.01 µF capacitor to ground.
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Operating Temperature Range
Acceleration Range X-axis
Acceleration Range Y-axis
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits
the device may operate as a linear device but is not guaranteed to be in calibration.
VDD
IDD
TA
gFS
gFS
4.75
6
–40
—
—
5.00
8
—
112.5
56.3
5.25
10
+125
—
—
V
mA
°C
g
g
Output Signal
Zero g (TA = 25°C, VDD = 5.0 V)(4)
Zero g
Sensitivity X-axis (TA = 25°C, VDD = 5.0 V)(5)
Sensitivity Y-axis (TA = 25°C, VDD = 5.0 V)
Sensitivity X-axis
Sensitivity Y-axis
Bandwidth Response
Nonlinearity
4. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
5. The device is calibrated at 20g.
VOFF
VOFF,V
S
S
SV
SV
f–3dB
NLOUT
2.35
0.46 VDD
19
38
3.72
7.44
360
–1.0
2.5
0.50 VDD
20
40
4
8
400
—
2.65
0.54 VDD
21
42
4.28
8.56
440
+1.0
V
V
mV/g
mV/g
mV/g/V
mV/g/V
Hz
% FSO
Noise
RMS (.01 Hz – 1 kHz)
Power Spectral Density
Clock Noise (without RC load on output)(6)
6. At clock frequency ≅70 kHz.
nRMS
nPSD
nCLK
—
—
—
—
110
2.0
2.8
—
—
mVrms
µV/(Hz1/2)
mVpk
Self-Test
Output Response
Input Low
Input High
Input Loading(7)
Response Time(8)
7. The digital input pin has an internal pull-down current source to prevent inadvertent self test initiation due to external board level leakages.
8. Time for the output to reach 90% of its final value after a self-test is initiated.
gST
VIL
VIH
IIN
tST
9.6
VSS
0.7 × VDD
–30
—
12
—
—
–100
2.0
14.4
0.3 × VDD
VDD
–300
–
g
V
V
µA
ms
Status(9) (10)
Output Low (Iload = 100 µA)
Output High (Iload = 100 µA)
9. The Status pin output is not valid following power-up until at least one rising edge has been applied to the self-test pin. The Status pin is
high whenever the self-test input is high, as a means to check the connectivity of the self-test and Status pins in the application.
10. The Status pin output latches high if a Low Voltage Detection or Clock Frequency failure occurs, or the EPROM parity changes to odd. The
Status pin can be reset low if the self-test pin is pulsed with a high input for at least 100 µs, unless a fault condition continues to exist.
VOL
VOH
—
VDD – 0.8
—
—
0.4
—
V
V
Minimum Supply Voltage (LVD Trip)
VLVD
2.7
3.25
4.0
V
Clock Monitor Fail Detection Frequency
fmin
50
—
260
kHz
Output Stage Performance
Electrical Saturation Recovery Time(11)
Full Scale Output Range (IOUT = 200 µA)
Capacitive Load Drive(12)
Output Impedence
11. Time for amplifiers to recover after an acceleration signal causing them to saturate
12. Preserves phase margin (60°) to guarantee output amplifier stability.
tDELAY
VFSO
CL
ZO
—
0.25
—
—
0.2
—
—
300
—
VDD–0.25
100
—
ms
V
pF
Ω
Mechanical Characteristics
Transverse Sensitivity(13)
Package Resonance
13. A measure of the device's ability to reject an acceleration applied 90° from the true axis of sensitivity.
VXZ,YZ
fPKG
—
—
—
10
5.0
—
% FSO
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com