Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR253 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DR253
Description  25 Amp Automotive Rectifier 100 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DR253 Datasheet(HTML) 1 Page - Micro Commercial Components

  DR253 Datasheet HTML 1Page - Micro Commercial Components DR253 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DR251
THRU
DR256
25 Amp
Automotive Rectifier
100 to 600 Volts
Features
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
High Forward Surge Current Capability
Maximum Ratings
•
Operating Temperature: -65
℃ to +175℃
•
Storage Temperature: -65
℃ to +175℃
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
DR251
100V
70V
100V
DR252
200V
140V
200V
DR253
300V
210V
300V
DR254
400V
280V
400V
DR256
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25A
TC = 105
℃
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.15V
IFM =80A
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
350
µA
TA = 25
℃
TC = 100
℃
Rating for Fusing
I
2t
664 A
2S
t<8.3ms
Typical Thermal
Resistance
RθJC
1.0
℃/W Note 1
Note 1: at 0.5’’ (12.7) lead length(P.C.B. mounted)
DR25/35
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
5.500
---
33.00
B
.710
.780
18.00
20.00
C
.057
.065
1.45
1.65
D
.370
.390
9.50
9.90
A
B
B
C
D
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 2
2006/05/24
TM
Micro Commercial Components
www.mccsemi.com
1 of 2


Similar Part No. - DR253

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
DR253 MIC-DR253 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR253 PFS-DR253 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
DIOTEC Electronics Corp...
DR2535L DEC-DR2535L Datasheet
92Kb / 1P
25 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
More results

Similar Description - DR253

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2520 MCC-MBR2520 Datasheet
98Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2520CT MCC-MBR2520CT Datasheet
99Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520 MCC-MBRB2520 Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520CT MCC-MBRB2520CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2520CT MCC-MBRF2520CT Datasheet
400Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
DR351 MCC-DR351 Datasheet
282Kb / 2P
35 Amp Automotive Rectifier 100 to 600 Volts
DRS251 MCC-DRS251 Datasheet
280Kb / 2P
25 Amp Automotive Rectifier 100 to 600 Volts
logo
Kersemi Electronic Co.,...
MBR2540CT KERSEMI-MBR2540CT Datasheet
820Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2545 KERSEMI-MBR2545 Datasheet
819Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR2520CT MCC-MBR2520CT_14 Datasheet
243Kb / 3P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com