Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR352 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DR352
Description  35 Amp Automotive Rectifier 100 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DR352 Datasheet(HTML) 1 Page - Micro Commercial Components

  DR352 Datasheet HTML 1Page - Micro Commercial Components DR352 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DR351
THRU
DR356
35 Amp
Automotive Rectifier
100 to 600 Volts
Features
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
High Forward Surge Current Capability
Maximum Ratings
•
Operating Temperature: -65
℃ to +175℃
•
Storage Temperature: -65
℃ to +175℃
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
DR351
100V
70V
100V
DR352
200V
140V
200V
DR353
300V
210V
300V
DR354
400V
280V
400V
DR356
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35A
TC = 105
℃
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.15V
IFM =80A
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
350
µA
TA = 25
℃
TC = 100
℃
Rating for Fusing
I
2t
664 A
2S
t<8.3ms
Typical Thermal
Resistance
RθJC
0.8
℃/W Note 1
Note 1: at 0.5’’ (12.7) lead length(P.C.B. mounted)
DR25/35
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
5.500
---
33.00
B
.710
.780
18.00
20.00
C
.057
.065
1.45
1.65
D
.370
.390
9.50
9.90
A
B
B
C
D
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 2
2006/05/24
TM
Micro Commercial Components
www.mccsemi.com
1 of 2


Similar Part No. - DR352

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
DR352 MIC-DR352 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR352 PFS-DR352 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Datatronic Distribution...
DR352-1 DATATRONICS-DR352-1 Datasheet
90Kb / 1P
SMD INDUCTOR
DR352-1 DATATRONICS-DR352-1_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR352-1 SERIES
DR352-2 DATATRONICS-DR352-2 Datasheet
91Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR352

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3520 MCC-MBR3520 Datasheet
115Kb / 2P
35 Amp Rectifier 20 to 100 Volts Schottky Barrier
MUR10005 MCC-MUR10005 Datasheet
124Kb / 3P
100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
MUR10005CT MCC-MUR10005CT Datasheet
113Kb / 3P
100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
MURX0510 MCC-MURX0510 Datasheet
92Kb / 3P
0.5 Amp Super Fast Recovery Rectifier 100 to 600 Volts
UFT10005 MCC-UFT10005 Datasheet
129Kb / 3P
100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
logo
Central Semiconductor C...
CS220-35M CENTRAL-CS220-35M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS
logo
Micro Commercial Compon...
DR251 MCC-DR251 Datasheet
283Kb / 2P
25 Amp Automotive Rectifier 100 to 600 Volts
DRS251 MCC-DRS251 Datasheet
280Kb / 2P
25 Amp Automotive Rectifier 100 to 600 Volts
logo
SHENZHEN YONGERJIA INDU...
MURX0505 WINNERJOIN-MURX0505 Datasheet
86Kb / 3P
0.5 Amp Super Fast Recovery Rectifier 100 to 600 Volts
logo
Micro Commercial Compon...
MUR1010CT MCC-MUR1010CT_16 Datasheet
632Kb / 3P
10 Amp SuperFast Glass Passivated Rectifier 100 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com