Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC859TTS Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC859TTS
Description  PowerQUICC??Family Technical Summary
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC859TTS Datasheet(HTML) 2 Page - Motorola, Inc

  MPC859TTS Datasheet HTML 1Page - Motorola, Inc MPC859TTS Datasheet HTML 2Page - Motorola, Inc MPC859TTS Datasheet HTML 3Page - Motorola, Inc MPC859TTS Datasheet HTML 4Page - Motorola, Inc MPC859TTS Datasheet HTML 5Page - Motorola, Inc MPC859TTS Datasheet HTML 6Page - Motorola, Inc MPC859TTS Datasheet HTML 7Page - Motorola, Inc MPC859TTS Datasheet HTML 8Page - Motorola, Inc MPC859TTS Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MPC859P/859T/859DSL PowerQUICC™ FamilyTechnical Summary
MOTOROLA
Features
Features
1.1
Features
The following list summarizes the key MPC859P/859T/859DSL Family features:
•
Embedded MPC8xx core up to 133 MHz
•
Maximum frequency operation of the external bus is 66 MHz
— The 133MHz/100MHz core frequencies support 2:1 mode only
— The 50MHz/66MHz core frequencies support both 1:1 and 2:1 modes
•
Single-issue, 32-bit core (compatible with the PowerPC architecture definition) with 32, 32-bit
general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch, without conditional execution
— 4- or 8-Kbyte data cache and 4- or 16-Kbyte instruction cache (see Table 1).
– 16-Kbyte instruction cache (MPC859P) is four-way, set-associative with 256 sets;4-Kbyte
instruction cache (MPC859T and MPC859DSL) is two-way, set-associative with 128 sets.
– 8-Kbyte data cache (MPC859P) is two-way, set-associative with 256 sets; 4-Kbyte data
cache (MPC859T and MPC859DSL) is two-way, set-associative with 128 sets.
– Cache coherency for both instruction and data caches is maintained on 128-bit (4-word)
cache blocks.
– Caches are physically addressed, implement a least recently used (LRU) replacement
algorithm, and are lockable on a cache block basis.
— MMUs with 32-entry TLB, fully associative instruction and data TLBs
— MMUs support multiple page sizes of 4, 16, and 512 Kbytes, and 8 Mbytes; 16 virtual address
spaces and 16 protection groups
•
The MPC859P/859T/859DSL Family provides enhanced ATM functionality as found on the
MPC866. The MPC859P/859T/859DSL adds major new features available in “enhanced SAR”
(ESAR) mode, including the following:
— Improved operation, administration and maintenance (OAM) support
— OAM performance monitoring (PM) support
— Multiple APC priority levels available to support a range of traffic pace requirements
— Port-to-port switching capability without the need for RAM-based microcode
— Simultaneous MII (100Base-T) and UTOPIA (half-duplex) capability
— Optional statistical cell counters per PHY
Table 1. MPC859T Family
Part
Cache
Ethernet
SCC
ATM Support
Instruction
Cache
Data Cache
10Base
T
10/100
MPC859P
16 Kbyte
8 Kbyte
1
1
1
Serial ATM and UTOPIA
Interface
MPC859T
4 Kbyte
4 Kbyte
1
1
1
Serial ATM and UTOPIA
Interface
MPC859DSL
4 Kbyte
4 Kbyte
1
1
1
Serial ATM and UTOPIA
Interface
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com