Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC855T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855T Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC855T Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
43
CPM Electrical Characteristics
11 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module (CPM) of
the MPC860.
11.1 PIP/PIO AC Electrical Specifications
Table 14 provides the PIP/PIO AC timings as shown in Figure 38 through Figure 42.
Figure 38. PIP Rx (Interlock Mode) Timing Diagram
Table 14. PIP/PIO Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
21
Data-in setup time to STBI low
0
—
ns
22
Data-in hold time to STBI high
2.5 – t3 1
1
t3 = Specification 23.
—
CLK
23
STBI pulse width
1.5
—
CLK
24
STBO pulse width
1 CLK – 5 ns
—
ns
25
Data-out setup time to STBO low
2
—
CLK
26
Data-out hold time from STBO high
5
—
CLK
27
STBI low to STBO low (Rx interlock)
—
2
CLK
28
STBI low to STBO high (Tx interlock)
2
—
CLK
29
Data-in setup time to clock high
15
—
ns
30
Data-in hold time from clock high
7.5
—
ns
31
Clock low to data-out valid (CPU writes data, control, or direction)
—
25
ns
DATA-IN
STBI
23
24
22
STBO
27
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com