Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3D-HT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ER3D-HT
Description  3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER3D-HT Datasheet(HTML) 1 Page - Micro Commercial Components

  ER3D-HT Datasheet HTML 1Page - Micro Commercial Components ER3D-HT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER3
A-HT
T
HRU
ER3
M-HT
3.0 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
•
Low forward voltage drop
•
High current capability
•
High reliability
•
High surge current capability
Maximum Ratings
•
Operating Temperature: -55℃ to +125℃
•
Storage Temperature: -55℃ to +150℃
MCC Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
50V
35V
50V
100V
70V
100V
200V
140V
200V
400V
280V
400V
600V
420V
600V
800V
560V
800V
1000V
700V
1000V
Electrical Characteristics @ 25℃ Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 55℃
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ER3A-HT~ER3D-HT
ER3G-HT
ER3J-HT~ER3M-HT
VF
1.0V
1.3V
1.7V
IFM = 3.0A;
TA = 25℃
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10uA
200uA
TA = 25℃
TA = 100℃
Maximum Reverse
Recovery Time
ER3
A-HT~ER3G-HT
ER3
J-HT~ER3M-HT
Trr
50ns
75ns
IF=0.5A, IR=1.0A
IRR=0.25A
Typical Junction
Capacitance
ER3A-HT~ER3G-HT
ER3J-HT~ER3M-HT
CJ
80pF
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: 1
2005/08/31
ER3A-HT
ER3B-HT
ER3D-HT
ER3G-HT
ER3J-HT
ER3K-HT
ER3M-HT
ER3B
ER3D
ER3G
ER3J
ER3K
ER3M
H
J
E
F
G
A
B
D
C
Cathode Band
DO-214AB
(SMCJ) (Round Lead)
0.070”
0.190
0.200”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.
70
5.
30
C
.002
.005
.05
.13
D
---
.02
---
.51
E
.
047
.056
1.
20
1.
42
F
.168
.179
4.27
4.55
G
.3
09
.
322
7.85
8.
18
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
ER3A
TM
Micro Commercial Components


Similar Part No. - ER3D-HT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER3D-HT MCC-ER3D-HT Datasheet
242Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - ER3D-HT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151 Datasheet
238Kb / 2P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 MCC-HER301 Datasheet
89Kb / 2P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 MCC-HER301_11 Datasheet
261Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 MCC-HER501_11 Datasheet
536Kb / 3P
5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 MCC-HER301_13 Datasheet
292Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER301 YFWDIODE-HER301 Datasheet
85Kb / 2P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301-DO27 YFWDIODE-HER301-DO27 Datasheet
309Kb / 2P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com