Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC862
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC862_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
Freescale Semiconductor
11
DC Characteristics
NOTE
Values in Table 4 represent VDDL based power dissipation and do not include I/O
power dissipation over VDDH. I/O power dissipation varies widely by application
due to buffer current, depending on external circuitry.
6
DC Characteristics
Table 5 provides the DC electrical characteristics for the MPC862/857T/857DSL.
A.1, B.0
(2:1 Mode)
66 MHz
910
1060
mW
80 MHz
1.06
1.20
W
B.0
(2:1 Mode)
100 MHz
1.35
1.54
W
1
Typical power dissipation is measured at 3.3 V.
2
Maximum power dissipation is measured at 3.5 V.
Table 5. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDH, VDDL,
KAPWR,
VDDSYN
3.135
3.465
V
KAPWR
(power-down
mode)
2.0
3.6
V
KAPWR
(all other
operating
modes)
VDDH – 0.4
VDDH
V
Input High Voltage (all inputs except EXTAL and EXTCLK)
VIH
2.0
5.5
V
Input Low Voltage 1
VIL
GND
0.8
V
EXTAL, EXTCLK Input High Voltage
VIHC
0.7*(VCC)
VCC+0.3
V
Input Leakage Current, Vin = 5.5 V (Except TMS, TRST,
DSCK and DSDI pins)
Iin
—
100
µA
Input Leakage Current, Vin = 3.6 V (Except TMS, TRST,
DSCK, and DSDI)
IIn
—10
µA
Input Leakage Current, Vin = 0 V (Except TMS, TRST,
DSCK, and DSDI pins)
IIn
—10
µA
Input Capacitance 2
Cin
—20
pF
Output High Voltage, IOH = -2.0 mA, VDDH = 3.0 V
(Except XTAL, XFC, and Open drain pins)
VOH
2.4
—
V
Table 4. Power Dissipation (PD) (continued)
Die Revision
Frequency
Typical 1
Maximum 2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com