Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEE Datasheet(PDF) 2 Page - Comchip Technology

Part # CEE
Description  Bidirectional ESD / Transient Suppressors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEE Datasheet(HTML) 2 Page - Comchip Technology

  CEE Datasheet HTML 1Page - Comchip Technology CEE Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bidirectional ESD / Transient Suppressors
Specifications:( Ta = 25
oC )
24V Characteristic (CAN bus)
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
25
28
35
V
IF = 1 ma
IL
Leakage current
0.1
2.0
uA
24v
CT
Capacitance
15
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 28
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
15
A
8 / 20 us
5V0 Characteristic
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
5.1
7.0
10
V
IF = 1 ma
IL
Leakage current
+0.1
+ 2.0
uA
5v
CT
Capacitance
15
20
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 7.0
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
5.1
A
8 / 20 us
* one diode conducting
Package Information:
a
L
W
H
p
w
c
Dimensions in ( mm ):
Package
Code
Package
Power
Number of
Pins
L + 0.2
W + 0.2
w + 0.2
H + 0.2
p + 0.1
a + 0.1
c + 0.1
N08
0.4 w
08
4.83
5.99
3.81
1.60
1.27
0.41
0.66
N14
0.6 w
14
8.66
5.99
3.81
1.60
1.27
0.41
0.66
N16
0.8 w
16
9.91
5.99
3.81
1.60
1.27
0.41
0.66
Q16
0.8 w
16
9.91
5.99
3.81
1.6
.0635
0.25
0.66
W16
1.0 w
16
10.44
10.36
7.62
2.40
1.27
0.41
0.66
W20
1.2 w
20
12.70
10.36
7.62
2.40
1.27
0.41
0.66
Ordering Information:
CEE
N16
5V0
Type
Package Code
Voltage
CEE
5V0
CEF
24V
From table above
-G
RoHS Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com