Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC866
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC866 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC866 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
91
Mechanical Data and Ordering Information
MII_COL
H4
Input
VSSSYN1
V1
PLL analog VDD and
GND
VSSSYN
U1
Power
VDDSYN
T1
Power
GND
F6, F7, F8, F9, F10, F11, F12, F13, F14, G6, G7, G8, G9, G10,
G11, G12, G13, G14, H6, H7, H8, H9, H10, H11, H12, H13, H14,
J6, J7, J8, J9, J10, J11, J12, J13, J14, K6, K7, K8, K9, K10, K11,
K12, K13, K14, L6, L7, L8, L9, L10, L11, L12, L13, L14, M6, M7,
M8, M9, M10, M11, M12, M13, M14, N6, N7, N8, N9, N10, N11,
N12, N13, N14, P6, P7, P8, P9, P10, P11, P12, P13, P14
Power
VDDL
A8, M1, W8, H19, F4, F16, P4, P16, R1
Power
VDDH
E5, E6, E7, E8, E9, E10, E11, E12, E13, E14, E15, F5, F15, G5,
G15, H5, H15, J5, J15, K5, K15, L5, L15, M5, M15, N5, N15, P5,
P15, R5, R6, R7, R8, R9, R10, R11, R12, R13, R14, R15, T14
Power
N/C
D6, D13, D14, U2, V2, T2
No-connect
1
Classic SAR mode only
2
ESAR mode only
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com