Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860DPZQ50D4 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC860DPZQ50D4
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860DPZQ50D4 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC860DPZQ50D4 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC860DPZQ50D4 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
73
Mechanical Data and Ordering Information
Sample
KMPC855TZQ66D4
KMPC860SRZQ66D4
KMPC860TZQ66D4
KMPC860ENZQ66D4
KMPC860PZQ66D4
80
0° to 95°C
ZP/ZQ 1
MPC855TZQ80D4
MPC860DEZQ80D4
MPC860DTZQ80D4
MPC860ENZQ80D4
MPC860SRZQ80D4
MPC860TZQ80D4
MPC860DPZQ80D4
MPC860PZQ80D4
Tape and Reel
MPC860PZQ80D4R2
Sample
KMPC855TZQ80D4
KMPC860DEZQ80D4
KMPC860DTZQ80D4
KMPC860ENZQ80D4
KMPC860SRZQ80D4
KMPC860TZQ80D4
KMPC860DPZQ80D4
KMPC860PZQ80D4
Ball grid array (CZP suffix)
CZP suffix — Leaded
CZQ suffix — Leaded
CVR suffix — Lead-Free are available as needed
50
–40° to 95°C
ZP/ZQ 1
MPC855TCZQ50D4
MPC860DECZQ50D4
MPC860DTCZQ50D4
MPC860ENCZQ50D4
MPC860SRCZQ50D4
MPC860TCZQ50D4
MPC860DPCZQ50D4
MPC860PCZQ50D4
Tape and Reel
MPC855TCZQ50D4R2
66
–40° to 95°C
ZP/ZQ 1
MPC855TCZQ66D4
MPC860ENCZQ66D4
MPC860SRCZQ66D4
MPC860TCZQ66D4
MPC860DPCZQ66D4
MPC860PCZQ66D4
1
The ZP package is no longer recommended for use. The ZQ package replaces the ZP package.
Table 34. MPC860 Family Package/Frequency Availability (continued)
Package Type
Freq (MHz) /
Temp (Tj)
Package
Order Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com