Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLZ2V7 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LLZ2V7
Description  500mW Silicon Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLZ2V7 Datasheet(HTML) 2 Page - Micro Commercial Components

  LLZ2V7 Datasheet HTML 1Page - Micro Commercial Components LLZ2V7 Datasheet HTML 2Page - Micro Commercial Components LLZ2V7 Datasheet HTML 3Page - Micro Commercial Components LLZ2V7 Datasheet HTML 4Page - Micro Commercial Components LLZ2V7 Datasheet HTML 5Page - Micro Commercial Components LLZ2V7 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TL= 30OC Unless Otherwise Noted,
www.mccsemi.com
Revision: 1
2005/12/22
MCC
LLZ2V4-LLZ56
TM
Micro Commercial Components
Part-
number-
group
Part-
number
Marking
Code
Zener Voltage
Dynamic Resistance
Test Current
Reverse Leakage
Current
VZ @ IZT
ZZ @ IZT
ZZK @ IZK
IZT
IZK
IR
@ VR
V
V
Ω
Ω
mA
mA
µA
V
min
max
max
max
max
LLZ2V4
LLZ2V4A
-----
2.33
2.52
100
2000
20
1
70
1
LLZ2V4B
-----
2.43
2.63
100
2000
20
1
70
1
LLZ2V7
LLZ2V7A
-----
2.54
2.75
100
1000
20
1
50
1
LLZ2V7B
-----
2.69
2.91
100
1000
20
1
50
1
LLZ3V0
LLZ3V0A
-----
2.85
3.07
80
1000
20
1
50
1
LLZ3V0B
-----
3.01
3.22
80
1000
20
1
10
1
LLZ3V3
LLZ3V3A
-----
3.16
3.38
70
1000
20
1
10
1
LLZ3V3B
-----
3.32
3.53
70
1000
20
1
10
1
LLZ3V6
LLZ3V6A
-----
3.455
3.695
60
1000
20
1
5
1
LLZ3V6B
-----
3.6
3.845
60
1000
20
1
5
1
LLZ3V9
LLZ3V9A
-----
3.74
4.01
50
1000
20
1
3
1
LLZ3V9B
-----
3.89
4.16
50
1000
20
1
3
1
LLZ4V3
LLZ4V3A
-----
4.04
4.29
40
1000
20
1
3
1
LLZ4V3B
-----
4.17
4.43
40
1000
20
1
3
1
LLZ4V3C
-----
4.3
4.57
40
1000
20
1
3
1
LLZ4V7
LLZ4V7A
-----
4.44
4.68
25
900
20
1
10
2
LLZ4V7B
-----
4.55
4.8
25
900
20
1
6
2
LLZ4V7C
-----
4.68
4.93
25
900
20
1
3
2
LLZ5V1
LLZ5V1A
-----
4.81
5.07
20
800
20
1
2
2
LLZ5V1B
-----
4.94
5.2
20
800
20
1
2
2
LLZ5V1C
-----
5.09
5.37
20
800
20
1
2
2
LLZ5V6
LLZ5V6A
-----
5.28
5.55
13
500
20
1
1
2
LLZ5V6B
-----
5.45
5.73
13
500
20
1
1
2
LLZ5V6C
-----
5.61
5.91
13
500
20
1
1
2
LLZ6V2
LLZ6V2A
-----
5.78
6.09
10
300
20
1
3
4
LLZ6V2B
-----
5.96
6.27
10
300
20
1
3
4
LLZ6V2C
-----
6.12
6.44
10
300
20
1
3
4
LLZ6V8
LLZ6V8A
-----
6.29
6.63
8
150
20
0.5
2
4
LLZ6V8B
-----
6.49
6.83
8
150
20
0.5
2
4
LLZ6V8C
-----
6.66
7.01
8
150
20
0.5
2
4
LLZ7V5
LLZ7V5A
-----
6.85
7.22
8
120
20
0.5
3
6.5
LLZ7V5B
-----
7.07
7.45
8
120
20
0.5
3
6.73
LLZ7V5C
-----
7.29
7.67
8
120
20
0.5
3
6.93
LLZ8V2
LLZ8V2A
-----
7.53
7.92
8
120
20
0.5
7.5
7.15
LLZ8V2B
-----
7.78
8.19
8
120
20
0.5
7.5
7.39
LLZ8V2C
-----
8.03
8.45
8
120
20
0.5
7.5
7.63
LLZ9V1
LLZ9V1A
-----
8.29
8.73
8
120
20
0.5
0.04
7.88
LLZ9V1B
-----
8.57
9.01
8
120
20
0.5
0.04
8.14
LLZ9V1C
-----
8.83
9.3
8
120
20
0.5
0.04
8.39
LLZ10
LLZ10A
-----
9.12
9.59
8
120
20
0.5
0.04
8.66
LLZ10B
-----
9.41
9.9
8
120
20
0.5
0.04
8.94
LLZ10C
-----
9.7
10.2
8
120
20
0.5
0.04
9.22
LLZ10D
-----
9.94
10.44
8
120
20
0.5
0.04
9.44



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com