Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR545F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR545F
Description  5 Amp Schottky Barrier Rectifier 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR545F Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR545F Datasheet HTML 1Page - Micro Commercial Components MBR545F Datasheet HTML 2Page - Micro Commercial Components MBR545F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR545F
5 Amp
Schottky Barrier
Rectifier
45 Volts
Features
Low Forward Voltage Drop
High frequency properties and switching speed
High Current Capability
Guard Ring for over-voltage protection
Case Material : Molded plastic UL Flammability
Classification Rating 94V-0
Maximum Ratings
Operating Temperature: -65 C to +150 C
Storage Temperature: -65 C to +150 C
Maximum Thermal Resistance, Rthjc : 4.5 C/W
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC Blocking
Voltage
MBR545F
MBR545F
45V
31.5V
45V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5 A
TC = 120 C
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
0.55V
0.49V
IF= 5A; TC = 25 C
IF= 5A; TC =125 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
40mA
TC = 25 C
TC = 125 C
ITO-220AC

INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
.583
.606
14.80
15.40
B
---
.406
---
10.30

A
B
C
J
I
H
F
E
D
M
L
K
G
PIN 1
PIN
12
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
.512
.543
13.00
13.80
G
.200
5.10
H
---
.035
---
0.90
I
---
.032
---
0.80
J
.118
.134
3.00
3.40
K
---
.189
---
4.80
L
---
.123
---
3.10
M
.098
.114
2.50
2.90
PIN 2
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Revision: 1
2006/06/12


Similar Part No. - MBR545F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR545F MCC-MBR545F Datasheet
138Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F_08 Datasheet
138Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
More results

Similar Description - MBR545F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR545 MCC-MBR545 Datasheet
111Kb / 2P
5 Amp Schottky Barrier Rectifier 45 Volts
SBL4045CT MCC-SBL4045CT Datasheet
460Kb / 3P
40 Amp Schottky Barrier Rectifier 45 Volts
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
MBR545 MCC-MBR545_08 Datasheet
122Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F_08 Datasheet
138Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Micro Commercial Compon...
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
15 Amp Schottky Barrier Rectifier 45 Volts
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
30 Amp Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com