Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEFC304-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CEFC304-G
Description  SMD Efficient Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEFC304-G Datasheet(HTML) 2 Page - Comchip Technology

  CEFC304-G Datasheet HTML 1Page - Comchip Technology CEFC304-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page1
SMD Efficient Fast Recovery Rectifier
“-G” suffix designates RoHS compliant Version
Fig.2 - Forward Characteristics
Fig. 5 - Test Circuit Diagram and Reverse Recovery Time Characteristics
(+)
(+)
( )
( )
PULSE
GENERATOR
(NOTE 2)
1
NON-
INDUCTIVE
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
trr
10
50
100
80
60
40
20
0
1
5
10
50
1 00
Single Phase
Half Wave 60Hz
0
20
40
60
80
100
120
140
Tj=25 C
Tj=125 C
Tj=25 C
Pulse width 300uS
4% duty cycle
Tj=25 C
( C)
0
25
50
75
100
125
150
175
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Tj=75 C
0.1
1.0
10
100
Reverse Voltage (V)
2.0
10
200
100
Tj=25 C
CEFC301-303
CEFC305
CEFC304
Rating and Characteristic Curves (CEFC301-G thru CEFC305-G)
Fig. 1 - Reverse Characteritics
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
Forward Voltage(V)
Fig. 4 - Non Repetitive Forward Surge Current
Number of Cycles at 60Hz
8.3mS Single HalfSine
Wave JEDEC methode
Fig. 6 - Current Derating Curve
Ambient Temperature
SET TIME BASE FOR
50 / 10ns / cm
NOTES: 1. Rise Time = 7ns max., Input Impedance = 1 megohm.22pF.
2. Rise Time = 10ns max., Source Impedance = 50 ohms.
NONINDUCTIVE
NONINDUCTIVE
25Vdc
(approx.)
D.U.T.
OSCILLSCOPE
(NOTE 1)
0
0.2
0.4
0.6 0.8
1.0 1.2
1.4 1.6
1.8 2.0
10
1.0
0.1
0.01
0.001
100
10
1.0
0.1
0.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com