Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866PVR100A Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC866PVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PVR100A Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC866PVR100A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC866PVR100A Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
83
Mechanical Data and Ordering Information
UPWAITB
GPL_B4
B1
Bidirectional
GPL_A5
D3
Output
PORESET
R2
Input
RSTCONF
P3
Input
HRESET
N4
Open-drain
SRESET
P2
Open-drain
XTAL
P1
Analog Output
EXTAL
N1
Analog Input (3.3V only)
CLKOUT
W3
Output
EXTCLK
N2
Input (3.3V only)
TEXP
N3
Output
ALE_A
MII-TXD1
K2
Output
CE1_A
MII-TXD2
B3
Output
CE2_A
MII-TXD3
A3
Output
WAIT_A
SOC_Split2
R3
Input
WAIT_B
R4
Input
IP_A0
UTPB_Split02
MII-RXD3
T5
Input
IP_A1
UTPB_Split12
MII-RXD2
T4
Input
IP_A2
IOIS16_A
UTPB_Split22
MII-RXD1
U3
Input
IP_A3
UTPB_Split32
MII-RXD0
W2
Input
IP_A4
UTPB_Split42
MII-RXCLK
U4
Input
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com