Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8272 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8272
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8272 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8272 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
45
Pinout
D16
AB3
D17
Y1
D18
T4
D19
T3
D20
P2
D21
M1
D22
J1
D23
G4
D24
AB2
D25
W4
D26
V2
D27
T1
D28
N5
D29
L1
D30
H1
D31
G5
D32
W5
D33
W2
D34
T5
D35
T2
D36
N1
D37
K3
D38
H2
D39
F1
D40
AA2
D41
W1
D42
U3
D43
R2
D44
N2
D45
L2
D46
H4
Table 20. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com