Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
61
Pinout
DBG
A14
DBB/IRQ3
C15
D0
W4
D1
Y1
D2
V1
D3
P4
D4
N3
D5
K5
D6
J4
D7
G1
D8
AB1
D9
U4
D10
U2
D11
N6
D12
N1
D13
L1
D14
J5
D15
G3
D16
AA2
D17
W1
D18
T3
D19
T1
D20
M2
D21
K2
D22
J1
D23
G4
D24
U5
D25
T5
D26
P5
D27
P3
D28
M3
D29
K3
D30
H2
Table 23. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com