Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540CPX833LB Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
49
I2C
11.2 I2C AC Electrical Specifications
Table 40 provides the AC timing parameters for the I2C interface of the MPC8540.
Figure 17 provides the AC test load for the I2C.
Figure 29. I2C AC Test Load
Table 40. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 39).
Parameter
Symbol 1
Min
Max
Unit
SCL clock frequency
fI2C
0
400
kHz
Low period of the SCL clock
tI2CL
6
1.3
—
μs
High period of the SCL clock
tI2CH
6
0.6
—
μs
Setup time for a repeated START condition
tI2SVKH
6
0.6
—
μs
Hold time (repeated) START condition (after this period, the
first clock pulse is generated)
tI2SXKL
6
0.6
—
μs
Data setup time
tI2DVKH
6
100
—
ns
Data hold time:
CBUS compatible masters
I2C bus devices
tI2DXKL
—
0 2
—
0.9 3
μs
Set-up time for STOP condition
tI2PVKH
0.6
—
μs
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
μs
Noise margin at the LOW level for each connected device
(including hysteresis)
VNL
0.1
× OV
DD
—V
Noise margin at the HIGH level for each connected device
(including hysteresis)
VNH
0.2
× OV
DD
—V
Notes:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH
symbolizes I2C timing (I2) with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C
clock reference (K) going to the high (H) state or setup time. Also, tI2SXKL symbolizes I
2C timing (I2) for the time that
the data with respect to the start condition (S) went invalid (X) relative to the tI2C clock reference (K) going to the low
(L) state or hold time. Also, tI2PVKH symbolizes I
2C timing (I2) for the time that the data with respect to the stop
condition (P) reaching the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or setup
time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2.MPC8540 provides a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
3.The maximum tI2DVKH has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal.
4.CB = capacitance of one bus line in pF.
6.Guaranteed by design.
Output
OVDD/2
RL = 50 Ω
Z0 = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com