Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8247CVRB Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8247CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247CVRB Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8247CVRB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8247CVRB Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
20
Freescale Semiconductor
AC Electrical Characteristics
NOTE: Conditions
The following conditions must be met in order to operate the MPC8272
family devices with 133 MHz bus: single PowerQUICC II Bus mode must
be used (no external master, BCR[EBM] = 0); data bus must be in Pipeline
mode (BRx[DR] = 1); internal arbiter and memory controller must be used.
For expected load of above 40 pF, it is recommended that data and address
buses be configured to low (25 ohm) impedance (SIUMCR[HLBE0] = 1,
SIUMCR[HLBE1] = 1).
Table 12 lists SIU output characteristics.
Table 11. AC Characteristics for SIU Inputs 1
1
Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
Spec Number
Characteristic
Value (ns)
Setup
Hold
Setup
Hold
66
MHz
83
MHz
100
MHz
133
MHz
66
MHz
83
MHz
100
MHz
133
MHz
sp11
sp10 AACK/TA/TS/DBG/BG/BR/ARTRY/
TEA
6
5
3.5
N/A
0.5
0.5
0.5
N/A
sp12
sp10 Data bus in normal mode
5
4
3.5
N/A
0.5
0.5
0.5
N/A
sp13
sp10 Data bus in pipeline mode
5
4
2.5
1.5
0.5
0.5
0.5
0.5
sp15
sp10 All other pins
5
4
3.5
N/A
0.5
0.5
0.5
N/A
Table 12. AC Characteristics for SIU Outputs 1
1
Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are
measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66
MHz
83
MHz
100
MHz
133
MHz
66
MHz
83
MHz
100
MHz
133
MHz
sp31
sp30
PSDVAL/TEA/TA
76
5.5
N/A
111
N/A
sp32
sp30
ADD/ADD_atr./BADDR/CI/GBL/WT
8
6.5
5.5
4.5 2
2
Value is for ADD only; other sp32/sp30 signals are not applicable.
111
1 2
sp33
sp30
Data bus 3
3
To achieve 1 ns of hold time at 66.67/83.33/100 MHZ, a minimum loading of 20 pF is required.
6.56.5
5.54.5
0.80.8
0.8
1
sp34
sp30
Memory controller signals/ALE
6
5.5
5.5
4.5
1111
sp35
sp30
All other signals
6
5.5
5.5
N/A
1
1
1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com