Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855TCZQ50D4R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4R2
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC855TCZQ50D4R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
Freescale Semiconductor
Technical Data
This hardware specification contains detailed information on
power considerations, DC/AC electrical characteristics, and AC
timing specifications for the MPC860 family.
1Overview
The MPC860 Power Quad Integrated Communications Controller
(PowerQUICC™) is a versatile one-chip integrated
microprocessor and peripheral combination designed for a variety
of controller applications. It particularly excels in
communications and networking systems. The PowerQUICC unit
is referred to as the MPC860 in this hardware specification.
The MPC860 implements the PowerPC architecture and contains
a superset of Freescale’s MC68360 Quad Integrated
Communications Controller (QUICC™), referred to here as the
QUICC, RISC Communications Proccessor Module (CPM). The
CPM from the MC68360 QUICC has been enhanced by the
addition of the inter-integrated controller (I2C) channel. The
memory controller has been enhanced, enabling the MPC860 to
support any type of memory, including high-performance
memories and new types of DRAMs. A PCMCIA socket
controller supports up to two sockets. A real-time clock has also
been integrated.
Table 1 shows the functionality supported by the members of the
MPC860 family.
MPC860EC
Rev. 7, 09/2004
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3. Maximum Tolerated Ratings . . . . . . . . . . . . . . . . . . . 5
4. Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . 6
5. Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
6. DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7. Thermal Calculation and Measurement . . . . . . . . . . . 9
8. Layout Practices . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
9. Bus Signal Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 12
10. IEEE 1149.1 Electrical Specifications . . . . . . . . . . . 41
11. CPM Electrical Characteristics . . . . . . . . . . . . . . . . . 43
12. UTOPIA AC Electrical Specifications . . . . . . . . . . . 67
13. FEC Electrical Characteristics . . . . . . . . . . . . . . . . . 68
14. Mechanical Data and Ordering Information . . . . . . . 71
15. Document Revision History . . . . . . . . . . . . . . . . . . . 77
MPC860 Family
Hardware Specifications


Similar Part No. - MPC855TCZQ50D4R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC855TCZQ50D4R2 FREESCALE-MPC855TCZQ50D4R2 Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
More results

Similar Description - MPC855TCZQ50D4R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
Hardware Specifications
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com