Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRE Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRE
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRE Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRE Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8280CVRE Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
22
Freescale Semiconductor
AC Electrical Characteristics
Figure 10 shows signal behavior for all parity modes (including ECC, RMW parity, and standard parity).
Figure 10. Parity Mode Diagram
Figure 11 shows signal behavior in MEMC mode.
Figure 11. MEMC Mode Diagram
NOTE
Generally, all MPC8280 bus and system output signals are driven from the rising
edge of the input clock (CLKin). Memory controller signals, however, trigger on
four points within a CLKin cycle. Each cycle is divided by four internal ticks: T1,
T2, T3, and T4. T1 always occurs at the rising edge, and T3 at the falling edge, of
CLKin. However, the spacing of T2 and T4 depends on the PLL clock ratio
selected, as shown in Table 13.
CLKin
DATA bus, ECC, and PARITY mode
Pipeline mode—
DP mode output signal
sp13
sp10
sp14a
sp10
Pipeline mode—
sp10
DP mode input signal
sp14
sp10
DATA bus, ECC, and PARITY mode
DP mode input signal
input signals
input signals
sp30
sp33b
sp13a
CLKin
V_CLK
Memory controller signals
sp34/sp30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com