Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540CPX667LC Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LC
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LC Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8540CPX667LC Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
61
RapidIO
The eye pattern for a data signal is generated by making a large number of recordings of the signal and
then overlaying the recordings. The number of recordings used to generate the eye shall be large enough
that further increasing the number of recordings used does not cause the resulting eye pattern to change
from one that complies with the RapidIO transmit mask to one that does not. Each data signal in the
interface shall be carrying random or pseudo-random data when the recordings are made. If
pseudo-random data is used, the length of the pseudo-random sequence (repeat length) shall be long
enough that increasing the length of the sequence does not cause the resulting eye pattern to change from
one that complies with the RapidIO transmit mask to one that does not comply with the mask. The data
carried by any given data signal in the interface may not be correlated with the data carried by any other
data signal in the interface. The zero-crossings of the clock associated with a data signal shall be used as
the timing reference for aligning the multiple recordings of the data signal when the recordings are
overlaid.
While the method used to make the recordings and overlay them to form the eye pattern is not specified,
the method used shall be demonstrably equivalent to the following method. The signal under test is
repeatedly recorded with a digital oscilloscope in infinite persistence mode. Each recording is triggered by
a zero-crossing of the clock associated with the data signal under test. Roughly half of the recordings are
triggered by positive-going clock zero-crossings and roughly half are triggered by negative-going clock
zero-crossings. Each recording is at least 1.9 UI in length (to ensure that at least one complete eye is
formed) and begins 0.5 UI before the trigger point (0.5 UI before the associated clock zero-crossing).
Depending on the length of the individual recordings used to generate the eye pattern, one or more
complete eyes will be formed. Regardless of the number of eyes, the eye whose center is immediately to
the right of the trigger point is the eye used for compliance testing.
An example of an eye pattern generated using the above method with recordings 3 UI in length is shown
in Figure 38. In this example, there is no skew between the signal under test and the associated clock used
to trigger the recordings. If skew was present, the eye pattern would be shifted to the left or right relative
to the oscilloscope trigger point.
.
Figure 38. Example Driver Output Eye Pattern
0
+
–
0.5 UI
1.0 UI
1.0 UI
Oscilloscope
(Recording)
Trigger Point
Eye Pattern
Eye Used for
Compliance
Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com