Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541EVTAJF Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAJF
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAJF Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8541EVTAJF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
2
Freescale Semiconductor
Overview
1
Overview
The following section provides a high-level overview of the MPC8541E features. Figure 1 shows the
major functional units within the MPC8541E.
.
Figure 1. MPC8541E Block Diagram
1.1
Key Features
The following lists an overview of the MPC8541E feature set.
•
Embedded e500 Book E-compatible core
— High-performance, 32-bit Book E-enhanced core that implements the PowerPC architecture
— Dual-issue superscalar, 7-stage pipeline design
— 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection
— Lockable L1 caches—entire cache or on a per-line basis
— Separate locking for instructions and data
— Single-precision floating-point operations
— Memory management unit especially designed for embedded applications
— Enhanced hardware and software debug support
— Dynamic power management
— Performance monitor facility
I2C Controller
Local Bus Controller
64/32b PCI Controller
0/32b PCI Controller
DMA Controller
10/100/1000 MAC
10/100/1000 MAC
MII, GMII, TBI,
RTBI, RGMIIs
Serial
DMA
ROM
I-Memory
DPRAM
RISC
Engine
Parallel I/O
Baud Rate
Generators
Timers
FCC
FCC
SPI
I2C
MIIs/RMIIs
I/Os
CPM
DDR SDRAM Controller
CPM
Controller
Interrupt
256 Kbyte
L2 Cache/
SRAM
e500 Core
32-Kbyte L1
I Cache
32-Kbyte L1
D Cache
Core Complex
e500
Coherency
Module
OCeaN
IRQs
SDRAM
DDR
GPIO
32b
Programmable
Interrupt Controller
Bus
DUART
Security
Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com