Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541ECPXAKF Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8541ECPXAKF
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541ECPXAKF Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8541ECPXAKF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8541ECPXAKF Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
73
Thermal
The spring mounting should be designed to apply the force only directly above the die. By localizing the
force, rocking of the heat sink is minimized. One suggested mounting method attaches a plastic fence to
the board to provide the structure on which the heat sink spring clips. The plastic fence also provides the
opportunity to minimize the holes in the printed-circuit board and to locate them at the corners of the
package. Figure 46 and provide exploded views of the plastic fence, heat sink, and spring clip.
Figure 46. Exploded Views (1) of a Heat Sink Attachment using a Plastic Fence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com