Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8555VTAJD Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8555VTAJD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8555VTAJD Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8555VTAJD Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8555VTAJD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
4
Freescale Semiconductor
Overview
— Two full-duplex fast communications controllers (FCCs) that support the following protocols:
– ATM protocol through two UTOPIA level 2 interfaces
– IEEE802.3/Fast Ethernet (10/100)
– HDLC
– Totally transparent operation
— Three full-duplex serial communications controllers (SCCs) support the following protocols:
– High level/synchronous data link control (HDLC/SDLC)
– LocalTalk (HDLC-based local area network protocol)
– Universal asynchronous receiver transmitter (UART)
– Synchronous UART (1x clock mode)
– Binary synchronous communication (BISYNC)
– Totally transparent operation
– QMC support, providing 64 channels per SCC using only one physical TDM interface
— Universal serial bus (USB) controller that is full/low-speed compliant (multiplexed on an SCC)
– USB host mode
– Supports USB slave mode
— Serial peripheral interface (SPI) support for master or slave
—I2C bus controller
— Two serial management controllers (SMCs) supporting:
– UART
– Transparent
– General-circuit interfaces (GCI)
— Time-slot assigner supports multiplexing of data from any of the SCCs and FCCs onto eight
time-division multiplexed (TDM) interfaces. The time-slot assigner supports the following
TDM formats:
– T1/CEPT lines
–T3/E3
– Pulse code modulation (PCM) highway interface
– ISDN primary rate
– Freescale interchip digital link (IDL)
– General circuit interface (GCI)
— User-defined interfaces
— Eight independent baud rate generators (BRGs)
— Four general-purpose 16-bit timers or two 32-bit timers
— General-purpose parallel ports—16 parallel I/O lines with interrupt capability
•
256 Kbytes of on-chip memory
— Can act as a 256-Kbyte level-2 cache
— Can act as a 256-Kbyte or two 128-Kbyte memory-mapped SRAM arrays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com