Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU600-G Datasheet(PDF) 2 Page - Comchip Technology

Part # KBU600-G
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBU600-G Datasheet(HTML) 2 Page - Comchip Technology

  KBU600-G Datasheet HTML 1Page - Comchip Technology KBU600-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBU600-G thru 610-G (RoHS Device)
Silicon Bridge Rectifiers
Page2
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
“-G” suffix designated RoHS compliant version
20
40
60
80
100
120
140
6
5
4
3
2
1
0
Tc, CASE TEMPERATURE (ºC)
Fig. 1 Forawrd Current Derating Curve
Single Phase Half Wave
60Hz Resistive or Inductive Load
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
100
10
1.0
0.1
VF, Instanteous FWD Voltage (V)
Fig.2 Typical Forward Characteristics, per element
250
200
150
100
50
0
1
10
100
400
100
0
1
10
100
Number of Cycles at 60Hz
Fig.3 MAx Non-Repetitive FWD Surge Current
8.3ms Single Half Sine-Wave
Jedec Method
VR, Reverse Voltage (V)
Fig 4. Typical Junction Capacitance Per Element
Tj = 25ºC
Pulse Width = 300ms
Tj=25ºC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com