Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17533EVEL Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC17533EVEL
Description  0.7 A 6.8 V Dual H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17533EVEL Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC17533EVEL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17533EVEL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
17533
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding the ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
Motor Supply Voltage
VM
-0.5 to 8.0
V
Gate Driver Circuit Power Supply Voltage
VG
-0.5 to 14
V
Logic Supply Voltage
VDD
-0.5 to 7.0
V
Signal Input Voltage
VIN
-0.5 to VDD+0.5
V
Driver Output Current
Continuous
Peak (1)
IO
IOPK
0.7
1.4
A
ESD Voltage (2)
Human Body Model
Machine Model
VESD1
VESD2
±1500
±200
V
Operating Junction Temperature
TJ
-55 to 150
°C
Operating Ambient Temperature
TA
-20 to 65
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Thermal Resistance (3)
RθJA
150
°C/W
Power Dissipation (4)
PD
830
mW
Pin Soldering Temperature (5)
TSOLDER
260
°C
Notes
1.
TA = 25°C. 10 ms pulse at 200 ms intervals.
2.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
3.
Mounted on 37 mm x 50 mm x 1.6 mm glass epoxy board mount.
4.
TA = 25°C.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com