Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8247VRI Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8247VRI
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRI Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8247VRI Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8247VRI Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
© Freescale Semiconductor, Inc., 2004, 2006. All rights reserved.
Freescale Semiconductor
Technical Data
This hardware specification contains detailed information on
power considerations, DC/AC electrical characteristics, and
AC timing specifications for the MPC8272 family of
devices—the MPC8272, the MPC8248, the MPC8271, and
the MPC8247. These devices are .13µm (HiP7) members of
the PowerQUICC II™ family of integrated communications
processors. They include on a single chip a 32-bit
PowerPC™core that incorporates memory management
units (MMUs) and instruction and data caches and that
implements the PowerPC instruction set; a modified
communications processor module (CPM); and an integrated
security engine (SEC) for encryption (the MPC8272 and the
MPC8248 only).
All four devices are collectively referred to throughout this
hardware specification as ‘the MPC8272’ unless otherwise
noted.
1Overview
Table 1 shows the functionality supported by each device in
the MPC8272 family.
Document Number: MPC8272EC
Rev. 1.5, 12/2006
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 7
3. DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . 8
4. Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . 11
5. Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
6. AC Electrical Characteristics . . . . . . . . . . . . . . . . . . 15
7. Clock Configuration Modes . . . . . . . . . . . . . . . . . . . 24
8. Pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
9. Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
10. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 56
11. Document Revision History . . . . . . . . . . . . . . . . . . . 57
MPC8272
PowerQUICC II™ Family
Hardware Specifications


Similar Part No. - MPC8247VRI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8247VRI MOTOROLA-MPC8247VRI Datasheet
1Mb / 56P
MPC8272 PowerQUICC II Family Hardware Specifications
More results

Similar Description - MPC8247VRI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
PowerQUICC II Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8280 FREESCALE-MPC8280_06 Datasheet
1Mb / 80P
PowerQUICC II??Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
PowerQUICC II??Family Hardware Specifications
MPC8280EC FREESCALE-MPC8280EC Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
PowerQUICC II Family Hardware Specifications
MPC8270CVVUPEA FREESCALE-MPC8270CVVUPEA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com