Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0075 Datasheet(PDF) 1 Page - Turck, Inc.

Part # F0075
Description  I/O Module for DeviceNet 8 digital npn/pnp inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

F0075 Datasheet(HTML) 1 Page - Turck, Inc.

  F0075 Datasheet HTML 1Page - Turck, Inc. F0075 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
I/O Module for DeviceNet
8 digital npn/pnp inputs
FDNL-L0800-T
Type
FDNL-L0800-T
ID
F0075
Number of channels
8
Operating / load voltage
11…26 VDC
Operating current
< 100 mA
Inputs
Number of channels
(8) 3-wire npn/pnp sensors
Input voltage
13…26 VDC
Supply current
< 80 mA per input, short-circuit proof
Switching threshold
EN 61131-3
low max.: 1.5 mA / high min.: 2 mA
Input delay
2.5 ms
Switching frequency
ð
100 Hz
Max. input current
7 mA
Electrical isolation
galvanic isolation against the bus
Sensor supply
bus connection
Fieldbus transmission rate
125/250/500 kbps
Fieldbus addressing
0...63 (decimal) via coded rotary switches
Dimensions (W x L x H)
60 x 197 x 40 mm
Housing material
fibre-glass reinforced Polyamide (PA6-GF30)
Mounting
4 mounting holes Ø 5,4 mm
Ambient temperature
-25…+70 °C
Protection class
IP67
MTTF
212 years acc. to SN 29500 (Ed. 99) 20 °C
Approvals
CE, UL, CSA, FM
■ 8 digital npn/pnp inputs
■ Wire-break monitoring
■ Channel-related diagnostics
■ One channel per connector
■ Fiber-glass reinforced PA6 housing
■ Vibration and shock-resistant
■ Encapsulated module electronics
■ Metal connectors
■ Degree of protection IP67
Fieldbus
M12 × 1 Input


Similar Part No. - F0075

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
F007003 TRIPPLITE-F007003 Datasheet
471Kb / 2P
FireWire IEEE 1394 Cable (6pin/4pin M-M) 3-ft
F007006 TRIPPLITE-F007006 Datasheet
472Kb / 2P
FireWire IEEE 1394 Cable (6pin-4pin M-M) 6-ft.
F007015 TRIPPLITE-F007015 Datasheet
470Kb / 2P
FireWire IEEE 1394 Cable (6pin-4pin M-M) 15-ft
logo
Turck, Inc.
F0072 TURCK-F0072 Datasheet
188Kb / 3P
I/O Module for DeviceNet 4 digital pnp/npn inputs 4 digital outputs 0.5 A
2023-07-21
F0073 TURCK-F0073 Datasheet
187Kb / 3P
I/O Module for DeviceNet 8 digital PNP inputs 8 digital outputs 0.5 A
2023-07-21
More results

Similar Description - F0075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
Red Lion Controls. Inc
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND2 MSYSTEM-R3-ND2 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND1 MSYSTEM-R3-ND1 Datasheet
171Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R5-ND2 MSYSTEM-R5-ND2 Datasheet
146Kb / 4P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
logo
Turck, Inc.
TBEN-S1-8DXP TURCK-TBEN-S1-8DXP Datasheet
356Kb / 8P
Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com